Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM12 Datasheet(PDF) 28 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 28 Page - SICK AG

Back Button IM12 Datasheet HTML 20Page - SICK AG IM12 Datasheet HTML 21Page - SICK AG IM12 Datasheet HTML 22Page - SICK AG IM12 Datasheet HTML 23Page - SICK AG IM12 Datasheet HTML 24Page - SICK AG IM12 Datasheet HTML 25Page - SICK AG IM12 Datasheet HTML 26Page - SICK AG IM12 Datasheet HTML 27Page - SICK AG IM12 Datasheet HTML 28Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
SENSICK CATALOGUE
239
IM 12
Technical data
IM12-
02B-N-
ZW0
04N-N-
ZW0
Sensing range Sn
4 mm
2 mm
Electrical configuration
NAMUR
Supply voltage Vs
DC 5 ... 25 V
Nominal voltage Vn
DC 8.2 V
Power consumption, attenuated
≤ 1 mA
Power consumption, unattenuated
≥ 2.2 mA
Internal capacitance
≤ 230 nF
Internal inductance
≤ 380 µH
Cable resistance
≤ 50 Ohm
Temperature drift, of sr
± 10 %
EMC
Accroding to EN 60 947-5-6
Switching output
Control current dependent on switching1)
Output function
NAMUR
Installation
Non-flush
Flush
Connection type
Cable, PVC, 2 m
Enclosure rating
IP 672)
Max. switching frequency
1,500 Hz
1,200 Hz
Dimensions
M12 x 13)
Short-circuit protected
Reverse polarity protected
Shock/vibration stress
30 g, 11 ms/10 ... 55 Hz, 1 mm
Ambient operating temperature Ta
-25
°C ... +70 °C
Housing material
Brass nickel-plated, plastic
Tightening torque
7 Nm
1) according to NAMUR EN 60947-5-6
2) according to EN 60529
3) thread diameter x pitch (mm)
Max. data for connecting Isolating unit EN 2 EX
or other approved isolating amplifier:
Short circuit current 1Kmax
50 mA
No load voltage UO
16 V
Power loss Pmax
75 mW
Order information
Type
Order no.
IM12-02B-N-ZW0
6 021 124
IM12-04N-N-ZW0
6 021 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com