Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM12 Datasheet(PDF) 8 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 8 Page - SICK AG

Back Button IM12 Datasheet HTML 4Page - SICK AG IM12 Datasheet HTML 5Page - SICK AG IM12 Datasheet HTML 6Page - SICK AG IM12 Datasheet HTML 7Page - SICK AG IM12 Datasheet HTML 8Page - SICK AG IM12 Datasheet HTML 9Page - SICK AG IM12 Datasheet HTML 10Page - SICK AG IM12 Datasheet HTML 11Page - SICK AG IM12 Datasheet HTML 12Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SENSICK CATALOGUE
219
IM 12
Technical data
IM12-
04BNS
-ZW1
04BPO
-ZW1
04BPS
-ZW1
04BNS
-ZC1
04BPO
-ZC1
04BPS
-ZC1
Sensing range Sn
4 mm
Electrical configuration
DC 3-wire
Supply voltage Vs
DC 10 ... 30 V
Residual ripple VPP
≤ 10 %1)
Voltage drop Vd
≤ 1.2 V2)
Power consumption
≤ 10 mA3)
Continuous current Ia
≤ 200 mA
Time delay before availability tv
≤ 100 ms
Hysteresis H, of sr
1 ... 15 %
Repeatability R
≤ 5 % (Ub and Ta constant)4)
Temperature drift, of sr
± 10 %
EMC
According to EN 60947-5-2
Switching output
PNP
NPN
Output function
Normally open
Normally closed
Installation
Flush5)
Connection type
Connector, M12, 4-pin
Cable, PVC, 2 m
Enclosure rating
IP 676)
Max. switching frequency
1,000 Hz
Dimensions
M12 x 17)
Short circuit protection
8)
Reverse polarity protection
Power-up pulse suppression
Shock/vibration stress
30 g, 11 ms/10 ... 55 Hz, 1 mm
Ambient operating temperature Ta
-25
°C ... +70 °C
Housing material
Brass nickel-plated, plastic
Tightening torque
10 Nm
1) of Ub
2) at Ia max
3) without load
4) of sr
5) see installation notes
6) according to EN 60529
7) thread diameter x pitch (mm)
8) (pulsed)
Order information
Type
Order no.
IM12-04BNS-ZW1
7 900 034
IM12-04BPO-ZW1
7 900 035
IM12-04BPS-ZW1
7 900 033
IM12-04BNS-ZC1
7 900 038
IM12-04BPO-ZC1
7 900 039
IM12-04BPS-ZC1
7 900 037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com