Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

624EN338-R Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 624EN338-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

624EN338-R Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  624EN338-R Datasheet HTML 1Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
25
FEATURES
Environment-proof seal per Symbol 4,
MIL-S-8805
Qualified to MIL-S-8805
Standard temperature range: –65
°Fto
+185°F (–54°Cto +85°C)
High temperature range listings: –65
°F
to
+257°F (–54°Cto +125°C)
Meets or exceeds mechanical and
electrical life as defined in MIL-S-8805
1EN1-6
ELECTRICAL SPECIFICATIONS
The electrical ratings charted below are referenced in the order guides. Refer to appro-
priate MIL specification for ratings applicable to specific switches.
DC RATINGS (Amps)
Sea Level
50,000 Feet
Rating2
Code
Voltage
Inrush Motor
Res.
Ind.
Inrush Motor
Res.
Ind.
A
28 VDC
24
4
4
2
24
43
41
2
B
28 VDC
36610336
63
10
3
C
28 VDC
30
5
15
10
30
53
15
10
D
28 VDC
24
4
5
3
N/A
E
28 VDC
N/A
1
.5
N/A
1
.5
F
28 VDC
24
4
7
4
24
43
7
2.5
Notes:
1
5 amps for rotary switches
2
For other electrical data, contact your nearest MICRO SWITCH Sales Office. MIL-S-8805 ratings apply when
this specification is invoked.
3
Application information only.
AC RATINGS (Amps)
Sea Level
Motor
Rating
Code
Voltage
Make
Break
Res.
Ind.
A&D
125/460 VAC @ 60 Hz
24
4
5
3
125 VAC @ 400 Hz
24
4
5
5
B
125/250 VAC @ 60 Hz
20
3
5
5
460VAC@60Hz
20
3
3
3
125 VAC @ 400 Hz
36
6
10
6
C
125/250 VAC @ 60 Hz
20
3
5
5
460VAC@60Hz
20
3
3
3
125 VAC @ 400 Hz
30
5
10
6
F
125/460 VAC @ 60 Hz
12
2
2
2
125 VAC @ 400 Hz
24
4
5
5
CIRCUITRY
Two Single-Pole
Double-Throw
Circuits
Four Single-Pole
Double-Throw
Circuits
Two Circuit
Double Break
Four Circuit
Double Break



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com