Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

624EN338-R Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 624EN338-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

624EN338-R Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  624EN338-R Datasheet HTML 1Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
27
MIL-S-8805 PERFORMANCE APPROVED SWITCHES
EN Standard Size Switches
Strength of
Strength of
Terminal
Actuating
Mounting
Strength
Means
Bushing
Seal
Catalog
Procurement
Newtons
Newtons
Nm
Moisture
Salt
Acceler-
Resilient
Listing
Part No.
lbs.
lbs.
in. lbs.
Vibration
Shock
Resistance
Spray
Explosion
ation
(Symbol 4)
1EN1-6
MS24331-1
66,7
133
1,7
10-58 Hz
100gs
Applicable Applicable Applicable
N/A
Applicable
2EN1-6
MS24331-2
15
30
15
at .060 in. (1,52mm) .006 sec.
test
test
test
test
3EN1-6
MS24331-3
Double Amplitude
pulse
4EN1-6
MS24331-4
58-500 Hz
sawtooth
at 10gs
31EN11-6
MS21320-1
66,7
44,5
1,7
10-58 Hz
100gs
Applicable Applicable Applicable
N/A
Applicable
31EN1-6
MS21320-2
15
10
15
at .060 in. (1,52mm) .006 sec.
test
test
test
test
32EN11-6
MS21320-3
Double Amplitude
pulse
32EN1-6
MS21320-4
sawtooth
33EN11-6
MS21320-5
58-500 Hz
33EN1-6
MS21320-6
at 10gs
34EN11-6
MS21320-7
34EN1-6
MS21320-8
41EN1-6
MS24420-1
66,7
—
1,7
10-58 Hz
100gs
Applicable Applicable Applicable
N/A
Applicable
42EN1-6
MS24420-2
15
15
at .060 in. (1,52mm) .006 sec.
test
test
test
test
43EN1-6
MS24420-3
Double Amplitude
pulse
44EN1-6
MS24420-4
sawtooth
58-500 Hz
at 10gs
1EN75-R3
M8805/65-001
—
44,5
1,7
10-70 Hz
High
Applicable Applicable Applicable
20g
Applicable
10
15
at .060 in. (1,52mm) impact
test
test
test
test
Double Amplitude
type ‘‘H’’
70-2000 Hz
at 15gs
1EN1-6
1EN1-S
1EN42-R
Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. – Pretravel; O.T. –
Overtravel; D.T. – Differential Travel.
EN STANDARD SIZE SWITCHES ORDER GUIDE
Housing
Characteristics
Dimensions2
R.F.
P.T.
O.T.
D.T.
Wgt. Repl.
Elec.
O.F.
min.
max.
min.
max.
Height
Dia.
max. Mtg.
Rating1
Catalog
N
N
mm
mm
mm
mm
mm
g
Hdw.
Circuitry
Actuator
Termination
Code
Listing
lbs.
lbs. inches inches inches inches inches
oz.
Pkt.6
Plunger
No. 20
A
1EN1-6
26,7-53,4
17,8
1,02
6,35
0.51
24,9
25,4
207
1
Leadwire
(MS24331-1)
6-12
4
.040
.250
.020
.980
1.0
7.3
MIL-W-22759/7
(8805/40)
Ball
as above
A
2001EN1-6
26,7-53,4
17,8
1,02
6,35
0.51
24,9
25,4
207
1
Bearing
6-12
4
.040
.250
.020
.980
1.0
7.3
Plunger
Plunger
Screw4
A
1EN1-S
26,7-53,4
17,8
1,02
6,35
0,51
38,2
25,4
99
3
Two
6-12
4
.040
.250
.020
1.505
1.0
3.5
Single-Pole
Double-Throw
Plunger
Side5
A
1EN42-R
26,7-53,4
17,8
1,02
6,35
0.51
26,9
58,43
221
3
Circuits
Receptacle
6-12
4
.040
.250
.020
1.06
2.3
7.8
Notes:
1
Electrical ratings are on page 25.
2
Combine housing diameter and height with actuator
on page 26 for overall size.
3
Maximum length rather than housing diameter.
4
This listing has 4-48 NF
× .175 inch round head
screws with lockwashers. Terminals are well isolat-
ed by phenolic barriers and epoxy casting resin.
5
These listings have pin receptacles (mating connec-
tors should be ordered from a local supplier).
6
See page 33 for replacement mounting hardware
packet catalog listings.
N
Newtons



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com