Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

624EN338-R Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 624EN338-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

624EN338-R Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 624EN338-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 10Page - Honeywell Solid State Electronics Center 624EN338-R Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
31
Miniature
Standard
FEATURES
Meets or exceeds mechanical and
electrical life as defined in MIL-S-8805.
Seal definition: Environment-proof. Re-
silient per MIL-S-8805, symbol 4.
Military specification: MIL-S-8805
Temperature range: – 67
°Fto +185°F
(– 55
°Cto +85°C)
ELECTRICAL RATINGS
Refer to page 25.
MINIATURE TYPE SWITCHES
Miniature type EN switches meet the de-
mand for smaller size and lighter weight
without sacrificing performance or electri-
cal capacity. These types are of the same
construction, seal, and materials as the
standard size EN switches.
Type 400EN switches are directly inter-
changeable with their standard size EN
counterpart, yet are smaller in diameter
and lighter in weight. The miniature listing
housing is .312 inch (7,92mm) smaller in
diameter, and the switch weight 1⁄2 ounce
(14,2g) less.
MIL-S-8805 PERFORMANCE APPROVED SWITCHES
EN Miniature Switches
Strength of
Strength of
Terminal
Actuating
Mounting
Procure-
Strength
Means
Bushing
Moisture
Seal
Catalog
ment
Newtons
Newtons
Nm
Resist-
Salt
Explo-
Acceler-
Resilient
Listing
Part No.
lbs.
lbs.
in. lbs.
Vibration
Shock
ance
Spray
sion
ation
(Design 4)
402EN1-6
MS21321-1
66,7
133
1,7
10-70 Hz
100gs
Applicable
Applicable
Applicable
N/A
Applicable
404EN1-6
MS21321-2
15
30
15
at .060 in.
(1,52mm) D.A.1
70-2000 Hz
at 15gs
.006 sec.
pulse
sawtooth
test
test
test
test
602EN1-6
MS27240-1
66,7
44,5
1,7
10-70 Hz
100gs
Applicable
Applicable
Applicable
N/A
Applicable
604EN1-6
MS27240-2
15
10
15
at .060 in.
(1,52mm) D.A.1
70-2000 Hz
at 15gs
.006 sec.
pulse
sawtooth
test
test
test
test
622EN1-6
MS27240-3
624EN1-6
MS27240-4
602EN222-6
MS27240-5
604EN222-6
MS27240-6
622EN222-6
MS27240-7
624EN222-6
MS27240-8
Notes:
1
D.A.
double amplitude or displacement.
402EN1-6
602EN1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com