Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

444EN2-R Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 444EN2-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

444EN2-R Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  444EN2-R Datasheet HTML 1Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
28
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
1EN43-R
2EN1-6
41EN1-6
21EN9-6
22EN9-6
42EN1-6
31EN1-6
32EN1-6
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel.
EN STANDARD SIZE SWITCHES ORDER GUIDE
Housing
Characteristics
Dimensions2
R.F.
P.T.
O.T.
D.T.
Wgt.
Repl.
Elec.
O.F.
min.
max.
min.
max.
Height
Dia.
max.
Mtg.
Rating1
Catalog
N
N
mm
mm
mm
mm
mm
g
Hdw.
Circuitry
Actuator
Termination
Code
Listing
lbs.
lbs.
inches
inches
inches
inches
inches
oz.
Pkt.4
Plunger
Bottom3
A
1EN43-R
26,7-53,4
17,8
1,02
6,35
0,51
53,3
25,4
204
3
Receptacle
6-12
4
.040
.250
.020
2.1
1.0
7.2
Plunger
No. 18
B
2EN1-6
26,7-53,4
22,8
1,27
6,35
0,89
38,1
38,1
156
1
Two
Leadwire
(MS24331-2)
6-12
5
.050
.250
.035
1.5
1.5
5.5
Single-Pole
MIL-W-22759/7
(8805/40)
Double-Throw
Circuits
Roller
No. 20
A
21EN9-6
26,7-53,4
17,8
1,02
6,35
0,51
24,9
25,4
252
4
Plunger
Leadwire
6-12
4
.040
.250
.020
.980
1.0
8.9
(MIL-W-22759/7)
Roller
No. 18
B
22EN9-6
26,7-53,4
22,2
1,02
6,35
0,76
38,1
38,1
38,3
4
Plunger
Leadwire
6-12
5
.040
.250
.030
1.5
1.5
13.5
(MIL-W-22759/7)
Rotary
No. 20
A
31EN11-6 (CW)
1,4-2,8 Nm
1,0 Nm
53,6
25,4
269
5
Roller
Leadwire
(MS21320-1)
max.
4
Lever
MIL-W-22759/7
(8805/48)
12-25 in. lb. 9 in. lb.
13
32
max.
2.11
1.0
9.5
5
31EN1-6 (CCW)
(MS21320-2)
Rotary
No. 18
B
32EN11-6 (CW)
1,4-2,8 Nm
1,0 Nm
68,6
38,1
368
5
Roller
Leadwire
(MS21320-3)
max.
6
Lever
MIL-W-22759/7
(8805/48)
12-25 in. lb. 9 in. lb.
20
25
max.
2.7
1.5
13
5
32EN1-6 (CCW)
(MS21320-4)
(8805/48)
Rotary
No. 20
A
41EN1-6
0,34 Nm
25,4
25,4
213
5
Linkage
Leadwire
(MS24420-1)
max.
—
—
—
12
Lever
MIL-W-22759/7
3 in. lb.
max.
1
1.0
7.5
Rotary
No. 18
B
42EN1-6
0,57 Nm
42,2
38,1
220
5
Linkage
Leadwire
(MS24420-2)
max.
—
—
—
12
Lever
MIL-W-22759/7
(8805/49)
5 in. lb.
max.
1.66
1.5
7.75
Notes:
1
Electrical ratings are on page 25.
2
Combine housing diameter and height with actuator
on page 26 for overall size.
3
These listings have pin receptacles (mating connec-
tors should be ordered from a local supplier).
4
See page 33 for replacement mounting hardware
packet catalog listings.
N
Newtons



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com