Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

444EN2-R Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 444EN2-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

444EN2-R Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 444EN2-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
29
5EN1-6
25EN9-6
3EN1-6
23EN9-6
33EN1-6
4EN1-6
24EN9-6
34EN1-6
44EN1-6
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel.
EN STANDARD SIZE SWITCHES ORDER GUIDE
Housing
Characteristics
Dimensions2
R.F.
P.T.
O.T.
D.T.
Wgt.
Repl.
Elec.
O.F.
min.
max.
min.
max.
Height
Dia.
max.
Mtg.
Rating1
Catalog
N
N
mm
mm
mm
mm
mm
g
Hdw.
Circuitry
Actuator
Termination
Code
Listing
lbs.
lbs.
inches
inches
inches
inches
inches
oz.
Pkt.3
Four
Plunger
No. 20
A
5EN1-6
26,7-53,4
17,8
1,02
6,35
0,76
30,5
38,1
346
3
Single-Pole
Leadwire
6-12
4
.040
.250
.030
1.2
1.5
12.2
Double-Throw
(MIL-W-5086)
Circuits
Roller
No. 20
A
25EN9-6
26,7-53,4
17,8
1,02
6,35
0,76
30,5
38,1
360
4
(See p. 25 for
Plunger
Leadwire
6-12
4
.040
.250
.030
1.2
1.5
12.7
circuit drawing)
(MIL-W-5086)
Plunger
No. 18
C
3EN1-6
26,7-53,4
22,2
1,52
6,35
0.89
33,3
38,1
241
1
Leadwire
(MS24331-3)
6-12
5
.060
.250
.035
1.31
1.5
8.5
MIL-W-22759/7
(8805/40)
Two Circuit
Double Break
Roller
No. 18
C
23EN9-6
26,7-53,4
22,2
1,52
6,35
0.89
33,3
38,1
255
4
Plunger
Leadwire
6-12
5
.060
.250
.035
1.31
1.5
9
(MIL-W-5086)
Rotary
No. 18
C
33EN11-6 (CW)
1,4-2,8 Nm
0.9 Nm
62
38,1
269
5
Roller
Leadwire
(MS21320-5)
12-25 in. lb. 8 in. lb.
15
°
30
°
5
°
2.44
1.5
9.5
Lever
MIL-W-22759/7
(8805/48)
5
33EN1-6 (CCW)
(MS21320-6)
(8805/48)
Plunger
No. 18
C
4EN1-6
26,7-53,4
22,2
1,78
6,35
1,14
43,2
38,1
368
1
Leadwire
(MS24331-4)
6-12
5
.070
.250
.045
1.7
1.5
13
MIL-W-22759/7
(8805/40)
Roller
No. 18
C
24EN9-6
26,7-53,4
22,2
1,78
6,35
1,14
43,2
38,1
368
4
Four Circuit
Plunger
Leadwire
6-12
5
.070
.250
.045
1.7
1.5
13
Double Break
(MIL-W-5086)
Rotary
No. 18
C
34EN11-6 (CW)
1,4-2,8 Nm
0,9 Nm
71,6
38,1
439
5
Roller
Leadwire
(MS21320-7)
12-25 in. lb. 8 in. lb.
15
°
30
°
10
°
2.82
1.5
15.5
Lever
MIL-W-22759/7
(8805/48)
5
34EN1-6 (CCW)
(MS21320-8)
(8805/48)
Rotary
No. 18
C
44EN1-6
1,1 Nm
45,7
38,1
451
5
Linkage
Leadwire
(MS24420-4)
max.
—
—
—
20
1.8
1.5
15.9
Lever
MIL-W-22759/7
(8805/49)
10 in. lb.
Notes:
1
Electrical ratings are on page 25.
2
Combine housing diameter and height with actuator
dimension on page 26 for overall size.
3
See page 33 for replacement mounting hardware
packet catalog listings.
N
Newtons



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com