Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

444EN2-R Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # 444EN2-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

444EN2-R Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button 444EN2-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 10Page - Honeywell Solid State Electronics Center 444EN2-R Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
32
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
442EN1-6
404EN1-6
444EN1-6
622EN1-6
604EN1-6
602EN602-6
Characteristics: O.F. – Operating Force; R.F. – Release Force;
P.T. – Pretravel; O.T. – Overtravel; D.T. – Differential Travel.
EN MINIATURE SWITCHES ORDER GUIDE
Housing
Characteristics
Dimensions1
R.F.
P.T.
O.T.
D.T.
Repl.
Elec.
O.F.
min.
max.
min.
max.
Height
Dia.
Wgt.
Mtg.
Rating
Catalog
N
N
mm
mm
mm
mm
mm
g
Hdw.
Circuitry
Actuator
Code
Listing
lbs.
lbs.
inches
inches
inches
inches
inches
oz.
Pkt3
Two
Single-Pole
Double-Throw
Circuits
Plunger
F
402EN1-6
(MS21321-1)
(8805/39)
26,7-53,4
17,8
1,02
6,35
0,51
24,9
17,5
204
1
6-12
4
.040
.250
.020
.980
.688
7.2
Rotary
Linkage
Lever
F
442EN1-6
34 Nm
25.4
17.5
207
9
max.
—
—
—
12
3 in. lbs.
1.0
.688
7.3
Four
Single-Pole
Double-Throw
Circuits
Plunger
F
404EN1-6
(MS21321-2)
8805/39)
26,7-53,4
17,8
1,02
6,35
0,51
30,5
25,4
354
1
6-12
4
.040
.250
.020
1.2
1.0
12.5
Rotary
Linkage
Lever
F
444EN1-6
.34 Nm
30,2
25,4
340
6
max.
—
—
—
12
3 in. lbs.
1.19
1.0
12
Two SPDT
Circuits
Plunger
F
602EN1-6
(MS27240-1)
(8805/43)
26,7-53,4
17,8
1,02
3,18
0,51
25,4
17,5
176
2
6-12
4
.040
.125
.020
1.0
.688
6.2
E
602EN222-6
(MS27240-5)
(8805/43)
2
Roller Plunger
F
622EN1-6
(MS27240-3)
(8805/43)
26,7-53,4
17,8
1,02
3,18
0,51
25,4
17,5
204
10
6-12
4
.040
.125
.020
1.0
.688
7.2
E
622EN222-6
(MS27240-7)
(8805/43)
10
Four SPDT
Circuits
Plunger
F
604EN1-6
(MS27240-2)
(8805/43)
26,7-53,4
17,8
1,02
3,18
0,51
30,5
25,4
354
2
6-12
4
040
.125
.020
1.2
1.0
12.5
E
604EN222-6
(MS27240-6)
(8805/43)
2
Roller Plunger
F
624EN1-6
(MS27240-4)
(8805/43)
26,7-53,4
17,8
1,02
3,18
0,51
30,5
25,4
354
10
6-12
4
040
.125
.020
1.2
1.0
12.5
E
624EN222-6
(MS27240-8)
(8805/43)
10
Two SPDT
Circuits
.125 Dia.
Plunger
F
602EN602-6
8,9-17,8
4,4
0,38
6,35
0,51
25,4
17,5
170
2
2-4
1
.015
±.010
.250
.020
1.0
.688
6.0
Notes:
1
Combine housing diameter and height with actuator
dimension on this page or page 26 for overall size of
the switch.
2
All miniature EN limit switches listed here have 6 foot
(1,8m) lengths of No. 20 leadwire per MS22759-7,
marked per MIL-W-5088. For variations, contact
MICRO SWITCH.
3
See page 33 for replacement mounting hardware
packet catalog listings
N
Newtons
600EN ACTUATOR DIMENSIONS
400EN actuator dimensions are the
same as those shown for standard
size ENs on page 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com