Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3602AE Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 35Page - Richtek Technology Corporation RT3602AE Datasheet HTML 36Page - Richtek Technology Corporation RT3602AE Datasheet HTML 37Page - Richtek Technology Corporation RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation RT3602AE Datasheet HTML 40Page - Richtek Technology Corporation RT3602AE Datasheet HTML 41Page - Richtek Technology Corporation RT3602AE Datasheet HTML 42Page - Richtek Technology Corporation RT3602AE Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
39
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 6. SET[1 to 2] pins setting for kTON, ki and ANTIOVS

SET[1 to 2]_I
R2
V80μA
R1 R2
TONSET_X
AI_X
ANTIOVS_X
Min
Typ
Max
Unit
AUXI
MAIN
60.07331
75.07331
90.07331
mV
0.6
20
1
Disable
160.1711
175.1711
190.1711
mV
Enable
260.2688
275.2688
290.2688
mV
80
2
Disable
360.3666
375.3666
390.3666
mV
Enable
460.4643
475.4643
490.4643
mV
0.8
20
1
Disable
560.5621
575.5621
590.5621
mV
Enable
660.6598
675.6598
690.6598
mV
80
2
Disable
760.7576
775.7576
790.7576
mV
Enable
860.8553
875.8553
890.8553
mV
1
20
1
Disable
960.9531
975.9531
990.9531
mV
Enable
1061.051
1076.051
1091.051
mV
80
2
Disable
1161.149
1176.149
1191.149
mV
Enable
1261.246
1276.246
1291.246
mV
0.4
20
1
Disable
1361.344
1376.344
1391.344
mV
Enable
1461.442
1476.442
1491.442
mV
80
2
Disable
1561.54
1576.54
1591.54
mV
Enable
For example, 35mV QR threshold and 1.3 x TON QR width
are set. According to Table 2, the set voltage should be
between 1.261V and 1.291V. Please note that a high
accuracy resistor is needed for this setting accuracy, <1%
error tolerance is recommended.
Zero Load-Line Setting and Anti-overshoot function
The TSEN_MAIN can be enabled/disabled zero-load-line
function for SA rail. The SET1 and SET2 pins can be
enabled/disabled anti-overshoot function for MAINandAUXI
rails.
When DVID slew rate increases, loop response is difficult
to meet energy transfer so that output voltage generates
overshoot to fail specification. The RT3602AE has anti-
overshoot function being able to help improve this issue.
The VR will turn off low-side MOSFET when output voltage
ramps up to the target VID (ALERT signal be pulled low).
This function also can improve the overshoot during the
load transient condition. When anti-overshoot function is
triggered, the UGATE and LGATE signal will be masked
to reduce the overshoot amplitude.
In order to increase high power density performance,
Dr.MOS is popular to use in VR application. In PS4
mode the Dr.MOS is required to enter power saving mode.
So the RT3602AE provide DRVEN_SET pin for different
Dr.MOS. When DRVEN_SET is set to VCC, DRVEN is
floating at PS4 mode. Moreover, the DRVEN is pull to low
at DRVEN_SET connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com