Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3602AE Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 9Page - Richtek Technology Corporation RT3602AE Datasheet HTML 10Page - Richtek Technology Corporation RT3602AE Datasheet HTML 11Page - Richtek Technology Corporation RT3602AE Datasheet HTML 12Page - Richtek Technology Corporation RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
1
1
0
1
1
1
1
0
DE
1.355
1
1
0
1
1
1
1
1
DF
1.36
1
1
1
0
0
0
0
0
E0
1.365
1
1
1
0
0
0
0
1
E1
1.37
1
1
1
0
0
0
1
0
E2
1.375
1
1
1
0
0
0
1
1
E3
1.38
1
1
1
0
0
1
0
0
E4
1.385
1
1
1
0
0
1
0
1
E5
1.39
1
1
1
0
0
1
1
0
E6
1.395
1
1
1
0
0
1
1
1
E7
1.4
1
1
1
0
1
0
0
0
E8
1.405
1
1
1
0
1
0
0
1
E9
1.41
1
1
1
0
1
0
1
0
EA
1.415
1
1
1
0
1
0
1
1
EB
1.42
1
1
1
0
1
1
0
0
EC
1.425
1
1
1
0
1
1
0
1
ED
1.43
1
1
1
0
1
1
1
0
EE
1.435
1
1
1
0
1
1
1
1
EF
1.44
1
1
1
1
0
0
0
0
F0
1.445
1
1
1
1
0
0
0
1
F1
1.45
1
1
1
1
0
0
1
0
F2
1.455
1
1
1
1
0
0
1
1
F3
1.46
1
1
1
1
0
1
0
0
F4
1.465
1
1
1
1
0
1
0
1
F5
1.47
1
1
1
1
0
1
1
0
F6
1.475
1
1
1
1
0
1
1
1
F7
1.48
1
1
1
1
1
0
0
0
F8
1.485
1
1
1
1
1
0
0
1
F9
1.49
1
1
1
1
1
0
1
0
FA
1.495
1
1
1
1
1
0
1
1
FB
1.5
1
1
1
1
1
1
0
0
FC
1.505
1
1
1
1
1
1
0
1
FD
1.51
1
1
1
1
1
1
1
0
FE
1.515
1
1
1
1
1
1
1
1
FF
1.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com