Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3602AE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3602AE Datasheet HTML 1Page - Richtek Technology Corporation RT3602AE Datasheet HTML 2Page - Richtek Technology Corporation RT3602AE Datasheet HTML 3Page - Richtek Technology Corporation RT3602AE Datasheet HTML 4Page - Richtek Technology Corporation RT3602AE Datasheet HTML 5Page - Richtek Technology Corporation RT3602AE Datasheet HTML 6Page - Richtek Technology Corporation RT3602AE Datasheet HTML 7Page - Richtek Technology Corporation RT3602AE Datasheet HTML 8Page - Richtek Technology Corporation RT3602AE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No
Pin Name
Pin Function
1
IMON_MAIN
Main rail VR current monitor output. This pin outputs a voltage proportional to
the output current.
2
SET1
Platform setting. Platform can use this pin to set switching frequency, ki gain,
QRTH, QR width and anti-overshoot for Auxiliary VR. Connect the SET1 pin to
5V and turn-on the EN pin, if the soldering is good, VSEN_MAIN = VSEN_AUXI =
1.1V and VSEN_SA = 1.05V.
3
FB_MAIN
Negative input of the error amplifier. This pin is for main rail VR output voltage
feedback to controller.
4
COMP_MAIN
Main rail VR compensation. This pin is error amplifier output pin.
5
SET2
Platform setting. Platform can use this pin to set switching frequency, ki gain,
QRTH, QR width and anti-overshoot for MAIN VR.
6
SET3
Platform Setting. Platform can use this pin to set switching frequency, ki gain
zero load-line, QRTH and QR width for VCCSA rail. And it can be set
DVID_TH and force-non-zero VBOOT function for Main and AUXI rail.
7, 8
ISEN[1:2]N_MAIN
Negative current sense inputs of multi-phase main rail VR Channel 1 and 2.
10, 9
ISEN[1:2]P_MAIN
Positive current sense inputs of multi-phase main rail VR Channel 1 and 2.
11
TSEN_MAIN
Thermal sense input for main rail VR.
12
VIN
VIN input pin. Connect a low pass filter to this pin to set on-time.
13
VCC
Controller power supply. Connect this pin to 5V and place a decoupling
capacitor 2.2
F at least. The decoupling capacitor is as close PWM controller
as possible.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
(TOP VIEW)
WQFN-48L 6x6
Package Type
QW : WQFN-48L 6x6 (W-Type)
(Exposed Pad-Option 1)
RT3602AE
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
RT3602AEGQW : Product Number
YMDNN : Date Code
RT3602AE
GQW
YMDNN
IMON_MAIN
COMP_MAIN
FB_MAIN
VIN
TSEN_MAIN
ISEN1P_MAIN
ISEN2P_MAIN
ISEN2N_MAIN
ISEN1N_MAIN
SET2
SET3
SET1
PWM_SA
ALERT
VCLK
RGND_AUXI
COMP_AUXI
VSEN_AUXI
ISENN_AUXI
ISENP_AUXI
IMON_AUXI
VDIO
VR_HOT
DRVEN
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com