Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3F75 Datasheet(PDF) 33 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 33 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 29Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 30Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 31Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 32Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 33Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 34Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 35Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 36Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
32
8.1.2
Output Disable
With CEx asserted, and OE# at a logic-high level (VIH), the device outputs are disabled.
Output signals DQ[15:0] are placed in a high-impedance state.
8.2
Bus Writes
Writing or Programming to the device, is where the host writes information or data into
the flash device for non-volatile storage. When the flash device is programmed, ‘ones’
are changed to ‘zeros’. ‘Zeros’ cannot be programed back to ‘ones’. To do so, an erase
operation must be performed. Writing commands to the Command User Interface (CUI)
enables various modes of operation, including the following:
• Reading of array data
• Common Flash Interface (CFI) data
• Identifier codes, inspection, and clearing of the Status Register
• Block Erasure, Program, and Lock-bit Configuration (when VPEN = VPENH)
Erasing is performed on a block basis – all flash cells within a block are erased together.
Any information or data previously stored in the block will be lost. Erasing is typically
done prior to programming. The Block Erase command requires appropriate command
data and an address within the block to be erased. The Byte/Word Program command
requires the command and address of the location to be written. Set Block Lock-Bit
commands require the command and block within the device to be locked. The Clear
Block Lock-Bits command requires the command and address within the device to be
cleared.
The CUI does not occupy an addressable memory location. It is written when the device
is enabled and WE# is active. The address and data needed to execute a command are
latched on the rising edge of WE# or CEX (CEX low is defined as the combination of pins
CE0, CE1, and CE2 that enable the device. CEX high is defined as the combination of
pins CE0, CE1, and CE2 that disable the device. See Table 17 on page 30). Standard
microprocessor write timings are used.
Table 18: Enhanced Configuration Register
Reserved
Page
Length
Reserved
ECR
15
ECR
14
ECR
13
ECR
12
ECR
11
ECR
10
ECR
9
ECR
8
ECR
7
ECR
6
ECR
5
ECR
4
ECR
3
ECR
2
ECR
1
ECR
0
BITS
DESCRIPTION
NOTES
ECR[15:14]
RFU
All bits should be set to 0.
ECR.13
• “1” = 8-Word Page mode
• “0” = 8-Word Page mode (Default)
Either “1” or “0” is for 8-word sense in page
mode.
ECR[12:0]
RFU
All bits should be set to 0.
Table 19: Asynchronous 8-Word Page Mode Command Bus-Cycle Definition
Command
Bus
Cycles
Required
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data
Oper
Addr(1)
Data
Set Enhanced Configuration
Register (Set ECR)
2
Write
ECD
0060h
Write
ECD
0004h
1. ECD = Enhanced Configuration Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com