Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3F75 Datasheet(PDF) 45 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 45 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 41Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 42Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 43Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 44Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 45Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 46Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 47Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 48Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
44
Flowchart” on page 56. Any attempt to address Program OTP Register command
outside the defined PR address space will result in a Status Register error (SR.4 will be
set). Attempting to program a locked PR segment will result in a Status Register error
(SR.4 and SR.1 will be set).
9.8.7
Locking the 128-bit OTP Protection Register
The user-programmable segment of the PR is lockable by programming Bit 1 of the
Protection Lock Register (PLR) to 0. Bit 0 of this location is programmed to 0 at the
Numonyx factory to protect the unique device number. Bit 1 is set using the Protection
Program command to program “0xFFFD” to the PLR. After these bits have been
programmed, no further changes can be made to the values stored in the Protection
Register. Protection Program commands to a locked section will result in a Status
Register error (SR.4 and SR.1 will be set). The PR lockout state is not reversible.
Note:
A0 is not used in x16 mode when accessing the protection register map. See
Table 31 for x16 addressing. In x8 mode
A0 is used, see
Table 32 for x8 addressing.
Table 29: Programming the 128-bit Protection Register Command Bus-Cycles
Command
First Bus Cycle
Second Bus Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Program OTP Register
Device Address
00C0h
Register Offset
Register Data
Table 30: Programming Protection Lock Register Command Bus-Cycles
Command
First Bus Cycle
Second Bus Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Program OTP Register
Device Address
00C0h
80h
FFFDh
Figure 15: 128-bit Protection Register Memory Map
0x88
0x85
64- bit Segment
( User- Programmable)
0x84
0x81
0x80
Protection Lock Register
64- bit Segment
(Factory- Programmed)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
128-Bit Protection Register
0x82
0x83
0x86
0x87
Word Address
128-Mbit: A[23:1]
64-Mbit: A[22:1]
32-Mbit: A[21:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com