Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3F75 Datasheet(PDF) 64 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 64 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 60Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 61Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 62Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 63Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 64Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 65Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 66Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 67Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Datasheet
63
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Table 44: Protection Register Information
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P+E)h
1
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection bytes are available
3F:
--01
01
(P+F)h
(P+10)h
(P+11)h
(P+12)h
4
Protection Field 1: Protection Description
This field describes user-available One Time Programmable (OTP)
protection register bytes. Some are pre-programmed with device-
unique serial numbers. Others are user-programmable. Bits 0-15 point
to the protection register lock byte, the section’s first byte. The
following bytes are factory pre-programmed and user-programmable.
bits 0-7 = Lock/bytes JEDEC-plane physical low address
bits 8-15 = Lock/bytes JEDEC-plane physical high address
bits 16-23 = “n” such that 2n = factory pre-programmed bytes
bits 24-31 = “n” such that 2n = user-programmable bytes
40:
41:
42:
43:
--80
--00
--03
--03
80h
00h
8bytes
8bytes
Note:
1.
The variable P is a pointer which is defined at CFI offset 15h.
Table 45: Burst Read Information
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P+13)h
1
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of read-
page bytes. See offset 28h for device word width to determine page-
mode data output width. 00h indicates no read page buffer.
44:
--04
16 byte
(P+14)h
1
Number of synchronous mode read configuration fields that follow. 00h
indicates no burst capability.
45:
--00
0
(P+15)h
1
Synchronous Mode Read Capability Configuration 1
Bits 3-7 = Reserved
bits 0-2 = “n” such that 2n+1 HEX value represents the maximum
number of continuous synchronous burst reads when the device is
configured for its maximum word width. A value of 07h indicates that
the device is capable of continuous linear bursts until that will output
data until the internal burst counter reaches the end of the device’s
burstable address space. This field’s 3-bit value can be written directly
to the Read Configuration Register Bits 0-2 if the device is configured for
its maximum word width. See offset 1Fh for word width to determine
the burst data output width.
46:
--00
n/a
(P+16h)h
1
Synchronous Mode Read Capability Configuration 2
47:
--00
n/a
(P+45h)h
1
J3C mark for VIL fix for customers
76:
--01
01
Note:
1.
The variable P is a pointer which is defined at CFI offset 15h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com