Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16-5-080 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JS16-5-080
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16-5-080 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JS16-5-080 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
M3×0.5
M4×0.7
M5×0.8
M6×1
M8×1
M8×1.25
M10×1
M10×1.25
M10×1.5
M12×1.25
M12×1.5
M12×1.75
M14×1.5
M16×1.5
M16×2
M18×1.5
DA00201
DA00117
DA00118
DA00119
DA00207
DA00169
DA00141
DA00142
DA00140
DA00145
DA00146
DA00143
DA00148
DA00151
DA00150
DA00153
JA6-3-050
JA10-4-070
JA15-5-080
JA15-6-100
JA20-8-100
JA20-8-125
JA32-10-100
JA30-10-125
JA25-10-150
JA40-12-125
JA40-12-150
JA40-12-175
JA40-14-150
JA50-16-150
JAH40-16-150
JA63-16-200
JA63-18-150
H
2.4
3.2
4
5
5
5
6
6
6
7
7
7
8
10
10
11
5.5
7
8
10
13
13
17
17
17
19
19
19
22
24
24
27
B
C
6.4
8.1
9.2
11.5
15
15
19.6
19.6
19.6
21.9
21.9
21.9
25.4
27.7
27.7
31.2
M20×1.5
M20×2.5
M22×1.5
M24×1.5
M24×2
M24×3
M26×1.5
M27×1.5
M27×2
M30×1.5
M30×2
M33×2
M36×1.5
M39×1.5
M42×3
M48×1.5
DA00155
DA00154
DA00156
DA00158
DA00159
DA00157
DA00160
DA00161
DA00162
DA00224
DA00163
DA00225
DA00164
DA00204
DA00165
DA00205
JAH50-20-150
JA80-20-250
JA80-22-150
JAH63-24-150
JAH63-24-200
JA100-24-300
JA100-26-150
JA100-27-150
JA125-27-200
JA140-30-150
JAH80-30-150
JAH80-30-200
JA160-33-200
JA160-36-150
JAH100-39-150
JAH100-42-300
JAH100-48-150
H
12
12
13
14
14
14
16
16
16
18
18
20
21
23
25
29
30
30
32
36
36
36
41
41
41
46
46
50
55
60
65
75
B
C
34.6
34.6
37
41.6
41.6
41.6
47.3
47.3
47.3
53.1
53.1
57.7
63.5
69.3
75
86.5
Model
Order no.
Model
Order no.
d: Thread
nominal size
d: Thread
nominal size
(mm)
(mm)
Part no. for dust cover
P2152051
P2152052
P215215
P215225
P215235
P215245
Applicable model
JA6, JA10
JA15, JB12, JB16
JA20, JB20
JA30, JB30
JA40, JB40
JA63, JA50, JB63
Part no. for dust cover
P215255
P215265
P215275
P215285
P215295
Applicable model
JA80, JAH40, JB80
JA100, JAH50, JB100
JA125, JAH63
JA140, JAH80, JB140
JA160, JAH100, JB160
Component Parts
No.
1
2
3
4
5
6
Description
Material
Free-cutting steel
Brass
Stainless steel
Brass
Synthetic rubber
Low carbon steel wire rod
Note
Electroless nickel plated
Electroless nickel plated
Electroless nickel plated
Zinc chromated
Stud
Case
Ring
Socket
Dust cover
Rod end nut
No.
1
2
3
4
5
6
7
8
9
Description
Material
Chromium molybdenum steel
Carbon steel
Chromium molybdenum steel
Carbon steel
Synthetic rubber
Carbon steel
Carbon steel
Rolled steel
Rolled steel
Note
Dyed black
Black zinc chromated
Black zinc chromated
Zinc chromated
Zinc chromated
Black zinc chromated
Black zinc chromated
Stud
Case
Ring
Cap
Dust cover
Set screw
Rod end nut
Flange
Foot
Construction
ø
6 to ø15
ø
20 to ø160
Accessory Dimensions
Rod end nut
Floating Joint Replacement Parts
Dust cover
Order with the following part no. if dust cover is damaged.
Replaceable dust cover is only for the basic type. Flange type and foot type cannot be replaced.
One rod end nut is supplied with the JA series or JAH basic type.
If additional nuts are needed, please order them using the part
no. shown below.
1145
Floating Joint: Standard Type
JA Series
J
D-
-X
Technical
Data
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com