Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16-5-080 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # JS16-5-080
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16-5-080 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button JS16-5-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 16Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Component Parts
No.
1
2
3
4
5
Description
Material
Free-cutting steel
Brass
Stainless steel
Brass
Synthetic rubber
Note
Electroless nickel plated
Electroless nickel plated
Electroless nickel plated
Stud
Case
Ring
Socket
Dust cover
No.
1
2
3
4
5
6
Description
Material
Chromium molybdenum steel
Carbon steel
Chromium molybdenum steel
Carbon steel
Synthetic rubber
Carbon steel
Note
Dyed black
Black zinc chromated
Black zinc chromated
Zinc chromated
Stud
Case
Ring
Cap
Dust cover
Set screw
12
16
20
25
32, 40
50, 63
80
100
125, 140
160
JB12-3-050
JB16-4-070
JB20-5-080
JB25-6-100
JB40-8-125
JB63-10-150
JB80-16-200
JB100-20-250
JB140-22-250
JB160-24-300
3
4
5
6
8
10
16
20
22
24
0.5
0.7
0.8
1
1.25
1.5
2
2.5
2.5
3
24.5
26.5
33
38
51
62.5
80.5
101
129
149
7
7
8
9
13
15
18
24
38
42
0.5
0.5
0.5
0.5
0.75
1
1.25
2
2.5
3
112
200
300
500
1300
3100
5000
7900
15300
20000
112
200
1100
2500
6000
11000
18000
28000
54000
71000
0.02
0.02
0.04
0.07
0.15
0.29
0.56
1.04
2.6
4.5
M
A
3
4.5
5
6
8.5
10
16
21
17
20
B
4
6
6.5
8
11
13
20
26
22
26
C
16
16
21
24
31
41
50
59.5
79
96
D
2
2
4.5
5
6
7.5
9.5
11.5
14
16
E
6
6
7
8
11
14
19
24
30
36
F
5
5
7
8
11
13.5
16
20
22
24
G
10
10
13
17
22
27
32
41
46
55
H
13
15
19.5
22.5
29
35.5
47.5
59
71.5
83
(mm)
Applicable
bore size
(mm)
Model
Nominal
size Pitch
Weight
(kg)
Maximum operating tension
and compression force (N)
Compression
Tension
Allowable
eccentricity
U
Maximum
thread
depth
P
Center
of sphere
R
Floating Joint: For Compact Cylinders
JB Series
Construction
ø
12, ø16
ø
20 to ø160
Basic Type: JB
JB12, 16
JB20 to 160
Center of sphere
Refer to page 1145 for replacement Parts.
R
Center of sphere
R
q
t
w
e
r
1155
J
D-
-X
Technical
Data
J
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com