Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16-5-080 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JS16-5-080
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16-5-080 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JS16-5-080 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RoHS
Series
Cylinder supply pressure
Applicable bore size (mm)
Mounting
Page
1144
Standard
JA Series
Basic type
Flange type
Foot type
1151
Heavy load
JAH Series
Basic type
Flange type
Foot type
1154
For compact cylinders
JB Series
Basic type
(Female thread)
Stainless steel type
JS Series
Basic type
1156
Hydraulic cylinder
Pneumatic cylinder
Hydraulic cylinder
Pneumatic cylinder
Pneumatic cylinder
Hydraulic cylinder
6, 10, 15
20, 25, 30, 40, 50, 63
80, 100, 125, 140, 160
20, 25, 30, 40, 50, 63
80, 100, 125, 140, 160
40, 50, 63, 80, 100
12, 16, 20, 25, 32
40, 50, 63, 80, 100
10, 16, 20, 25
32, 40, 50, 63
20, 25, 32
40, 50, 63
0.7 MPa or less
1 MPa or less
3.5 MPa or less
7 MPa or less
1 MPa or less
1 MPa or less
3.5 MPa or less
Series Variations
JA/JAH/JB/JS Series
Floating Joint
The floating joint can absorb any “off-centering” or
“loss of parallel accuracy” between the cylinder and
the driven body.
Centering is unnecessary.
A high level of machining accuracy is unnecessary.
The installation time is dramatically reduced.
It is compact and is suitable for high tensile stresses.
Long service life (with dustproof cover)
Rotating angle······
±5° Operating range
Center of sphere
Axial
center
Spherical rotation
Eccentric slide
1143
J
D-
-X
Technical
Data
J


Similar Part No. - JS16-5-080

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
JS1 DANFOSS-JS1 Datasheet
457Kb / 4P
Joystick JS1 Heavy Duty Joysticks
March 2019
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
JS1-12V NAIS-JS1-12V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Panasonic Semiconductor
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
More results

Similar Description - JS16-5-080

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG301MPU PANASONIC-LNG301MPU Datasheet
30Kb / 1P
Directly Joint Type
LNG302GPU PANASONIC-LNG302GPU Datasheet
31Kb / 1P
Direct Joint Type
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder
logo
Molex Electronics Ltd.
0357602710 MOLEX5-0357602710 Datasheet
260Kb / 2P
JOINT-H/D
logo
Hammond Manufacturing L...
HDSSIJ HAMMOND-HDSSIJ Datasheet
85Kb / 1P
Joint interm챕diaire robuste
HDSSSJ HAMMOND-HDSSSJ Datasheet
85Kb / 1P
Joint a rotule robuste
HDSSWJ HAMMOND-HDSSWJ Datasheet
75Kb / 1P
Joint mural robuste
TPSSIJ HAMMOND-TPSSIJ Datasheet
78Kb / 1P
Joint intermediaire Tara Plus
TPSSWJ HAMMOND-TPSSWJ Datasheet
74Kb / 1P
Joint mural Tara Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com