Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR6B Datasheet(PDF) 19 Page - Honeywell Solid State Electronics Center

Part # LSR6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR6B Datasheet(HTML) 19 Page - Honeywell Solid State Electronics Center

Back Button LSR6B Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 23Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Sensing and Internet of Things
19
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
MICRO SWITCH HDLS Side Rotary Levers’ Cam Tracking
Levers for side and top rotary switches are normally ordered as separate catalog listings. They also may be ordered by including a
suffix to the switch catalog listing (see nomenclature tree in this document) and adding the lever price.
Figure 6. LSZ51 type levers cam tracking
Figure 7. LSZ52 type levers cam tracking
Figure 8. LSZ54 type levers cam tracking
Figure 9. LSZ55 type levers cam tracking
42,9 - 49.3
[1.69 - 1.94]
ADJUSTMENT
57,4 - 63,8
[2.26 - 2.51]
ADJUSTMENT
LEVER INVERTED
11,0
[.43]
25,4
[1.00]
6,35 X 19,0 DIA
[.25 X .75 DIA]
51,0 - 57,4
[2.01 - 2.26]
ADJUSTMENT
38,1
[1.5]
19,0
[.75]
6,35
[.25]
ADJUSTMENT
21,3
[.85]
11,0
[.43]
25,4
[1.00]
21,3
[.85]
58,9 - 65,3
[2.32 - 2.57]
ADJUSTMENT
6,35 X 19,0 DIA
[.25 X .75 DIA]
38,1
[1.50]
6,35
[.25]
ADJUSTMENT
19,05
[.75]
LSZ51 TYPE LEVERS CAM TRACKING
LEVER
INVERTED
6,35 mm
[0.25 in]
adjustment
21,3 mm
[0.85 in]
19,0 mm
[0.75 in]
25,4 mm
[1.00 in]
11,0 mm
[0.43 in]
38,1 mm to 91,1 mm
[1.5 in to 3.6 in]
adjustment
56,4 mm to 62,7 mm
[2.22 in to 2.47 in]
adjustment
6,35 mm x 19,0 mm dia
[0.25 in x 0.75 in dia] OR
6,35 mm x 38,1 mm dia
[0.25 in x 1.5 in dia] OR
12,7 mm x 25,4 mm dia
[0.50 in x 1.0 in dia]
58,7 mm to 65,0 mm
[2.31 in to 2.56 in]
adjustment
21,3 mm
[0.85 in]
25,4 mm
[1.0 in]
9,05 mm
[0.75 in]
11,0 mm
[0.43 in]
5,3 mm
[0.21 in]
adjustment
127,0 mm [5.0 in] max. aluminum rod
330,2 mm [13.0 in] max. stainless steel rod
78,2 mm to 84,6 mm
[3.08 in to 3.33 in]
adjustment
70,9 mm to 77,2 mm
[2.79 in to 3.04 in]
adjustment
21,3 mm
[0.85 in]
38,1 mm
[1.50 in]
19,05 mm
[0.75 in]
25,4 mm
[1.00 in]
11,0 mm
[0.43 in]
6,35 mm
[0.25 in]
adjustment
6,35 mm x 19,0 mm dia.
[0.25 in x 0.75 in dia.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com