Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR6B Datasheet(PDF) 15 Page - Honeywell Solid State Electronics Center

Part # LSR6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR6B Datasheet(HTML) 15 Page - Honeywell Solid State Electronics Center

Back Button LSR6B Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 19Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Sensing and Internet of Things
15
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 6. Top Rotary • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
Top Rotary (LSB)
Description
Increased overtravel (100° min.). Uses same levers as side rotary
SPDT
DPDT
Contact closed n
Contact open o
135°
0°
25°
15°
Snap Action
1NO/1NC
1
2
3
4
135°
0°
25°
13°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
Pretravel
25° max.
25° max.
Different. travel
10° max.
12° max.
Overtravel
110° min.
110° min.
Oper. torque
0,28 Nm [2.5 in lb] max.
Action
CW and CCW (Momentary)
Op. temp range3
-12°C to 121°C [10°F to 250°F] (for low temp, high temp, or preleaded versions, see pages 8-9)
Circuitry
Contacts Body Style2
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSB1A
–
Gold4
Plug-in
0.5 in
LSB1E
–
Silver
Plug-in
0.5 in
120 V Ind. lite1
LSB5A
–
Silver
Plug-in
0.5 in
240 V Ind. lite1
LSB8A
–
Silver
Plug-in
0.5 in
24 V LED 1.5 mA
max. auto polarity1
LSB9A
–
Silver
Non-plug-
in
0.5 in
LSB3K
–
DPDT
Double Break
Silver
Plug-in
0.75 in
–
LSB2B
Silver
Plug-in
0.5 in
–
LSB6B
Silver
Plug-in
0.75 in 120 V Ind. lite1
–
LSB2R
Silver
Non-plug-
in
0.75 in
–
LSB4L
Silver
Non-plug-
in
0.5 in
–
LSB7L
1
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F]
2
Plug-in listings include base receptacle
3
Completely fluorocarbon sealed switches are preferred for use in temperatures above 93°C [200°F]
4
Gold-plated contacts
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A
limit switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com