Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR6B Datasheet(PDF) 37 Page - Honeywell Solid State Electronics Center

Part # LSR6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR6B Datasheet(HTML) 37 Page - Honeywell Solid State Electronics Center

Back Button LSR6B Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 36Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 37Page - Honeywell Solid State Electronics Center LSR6B Datasheet HTML 38Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Sensing and Internet of Things
37
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Fully potted MICRO SWITCH HDLS heavy-duty limit switches provide an extra degree of protection in
harsh environments by sealing the basic switch cavity with epoxy. These switches are the same as the non-
plug-in HDLS except that the entire switch cavity is filled with epoxy in addition to the conduit entrance. The
fully potted HDLS switches are pre-leaded, with either cable or connectors.
• Excellent sealing capability for harsh-duty food and beverage wash downs and severe machine tool envi-
ronments
• Diaphragm sealing
• 12 inch STOOW-A cable (other lengths available) or connector version
• Cable versions: NEMA 1, 6, 6P, 12
• Connector versions: NEMA 1, 6, 6P, 12, 13
• All fluorocarbon seals (low temperature fluorosilicone seals available)
• UL, CSA, CE, CCC
ALSO AVAILABLE
MICRO SWITCH HDLS switches are also available in all stainless-steel versions. Designed for use in
highly corrosive environments, such as petrochemical plants, food processing plants, shipboard, and dock-
side locations. The type 316 cast stainless steel body is designed to minimize crevices where food particles
could become trapped in water. The actuator, operating head, and screws are also stainless steel. All seals
are fluorocarbon to provide excellent chemical resistance and to withstand operating temperatures up to
121°C [250°F] and pressurized steam cleaning. Pre-leaded and epoxy-filled versions also available.
• Corrosion-resistant stainless steel non-plug in body, head, and rotary shaft
• Stainless steel levers
• Fluorocarbon seals (low temperature fluorosilicone seals available)
• NEMA 1, 3, 3R, 4, 4X, 6, 6P, and 13
• UL, CSA, CE, CCC
To learn more about Honeywell’s HDLS products, call
+1-815-235-6847 or 1-800-537-6945.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com