Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp ICS83940DI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Parameter Measurement Information, continued
3.3V Output Rise/Fall Time
Propagation Delay
2.5V Output Rise/Fall Time
Output Duty Cycle/Pulse Width/Period
0.5V
2.4V
2.4V
0.5V
tR
t F
Q0:Q17
nPCLK
Q0:Q17
PCLK
tp
LH
V
DDO
2
V
DD
2
LVCMOS_CLK
0.5V
1.8V
1.8V
0.5V
tR
t F
Q0:Q17
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q0:Q17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com