Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp ICS83940DI Datasheet HTML 14Page - Renesas Technology Corp ICS83940DI Datasheet HTML 15Page - Renesas Technology Corp ICS83940DI Datasheet HTML 16Page - Renesas Technology Corp ICS83940DI Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
VFQFN EPAD Thermal Release Path
In order to maximize both the removal of heat from the package
and the electrical performance, a land pattern must be
incorporated on the Printed Circuit Board (PCB) within the
footprint of the package corresponding to the exposed metal pad
or exposed heat slug on the package, as shown in Figure 3. The
solderable area on the PCB, as defined by the solder mask,
should be at least the same size/shape as the exposed pad/slug
area on the package to maximize the thermal/electrical
performance. Sufficient clearance should be designed on the PCB
between the outer edges of the land pattern and the inner edges
of pad pattern for the leads to avoid any shorts.
While the land pattern on the PCB provides a means of heat
transfer and electrical grounding from the package to the board
through a solder joint, thermal vias are necessary to effectively
conduct from the surface of the PCB to the ground plane(s). The
land pattern must be connected to ground through these vias. The
vias act as “heat pipes”. The number of vias (i.e. “heat pipes”) are
application specific and dependent upon the package power
dissipation as well as electrical conductivity requirements. Thus,
thermal and electrical analysis and/or testing are recommended to
determine the minimum number needed. Maximum thermal and
electrical performance is achieved when an array of vias is
incorporated in the land pattern. It is recommended to use as
many vias connected to ground as possible. It is also
recommended that the via diameter should be 12 to 13mils (0.30
to 0.33mm) with 1oz copper via barrel plating. This is desirable to
avoid any solder wicking inside the via during the soldering
process which may result in voids in solder between the exposed
pad/slug and the thermal land. Precautions should be taken to
eliminate any solder voids between the exposed heat slug and the
land pattern. Note: These recommendations are to be used as a
guideline only. For further information, please refer to the
Application Note on the Surface Mount Assembly of Amkor’s
Thermally/ Electrically Enhance Leadframe Base Package, Amkor
Technology.
Figure 3. P.C. Assembly for Exposed Pad Thermal Release Path – Side View (drawing not to scale)
Recommendations for Unused Input and Output Pins
Inputs:
PCLK/nPCLK Inputs
For applications not requiring the use of the differential input, both
PCLK and nPCLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from PCLK to
ground.
LVCMOS_CLK Input
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the LVCMOS_CLK input to ground.
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional
protection. A 1k
 resistor can be used.
Outputs:
LVCMOS Outputs
All unused LVCMOS output can be left floating. There should be
no trace attached.
SOLDER
SOLDER
PIN
PIN
EXPOSED HEAT SLUG
PIN PAD
PIN PAD
GROUND PLANE
LAND PATTERN
(GROUND PAD)
THERMAL VIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com