Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS83940DI Datasheet HTML 1Page - Renesas Technology Corp ICS83940DI Datasheet HTML 2Page - Renesas Technology Corp ICS83940DI Datasheet HTML 3Page - Renesas Technology Corp ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2, 12, 17, 25
GND
Power
Power supply ground.
3
LVCMOS_CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
4
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects LVCMOS_CLK input.
When LOW, selects PCLK, nPCLK inputs.
LVCMOS / LVTTL interface levels.
5
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
6nPCLK
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VDD/2 default when left
floating.
7, 21
VDD
Power
Power supply pin.
8, 16, 29
VDDO
Power
Output supply pins.
9, 10, 11,
13, 14, 15,
18, 19, 20,
22, 23, 24,
26, 27, 28,
30, 31, 32
Q17, Q16, Q15,
Q14, Q13, Q12,
Q11, Q10, Q9,
Q8, Q7, Q6,
Q5, Q4, Q3,
Q2, Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
(per output)
6pF
ROUT
Output Impedance
18
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com