Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS870919I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS870919I
Description  LVCMOS Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS870919I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS870919I Datasheet HTML 6Page - Renesas Technology Corp ICS870919I Datasheet HTML 7Page - Renesas Technology Corp ICS870919I Datasheet HTML 8Page - Renesas Technology Corp ICS870919I Datasheet HTML 9Page - Renesas Technology Corp ICS870919I Datasheet HTML 10Page - Renesas Technology Corp ICS870919I Datasheet HTML 11Page - Renesas Technology Corp ICS870919I Datasheet HTML 12Page - Renesas Technology Corp ICS870919I Datasheet HTML 13Page - Renesas Technology Corp ICS870919I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ICS870919BVI REVISION B JANUARY 10, 2012
10
©2012 Integrated Device Technology, Inc.
ICS870919I Data Sheet
LVCMOS CLOCK GENERATOR
Schematic Layout
Figure 1 shows an example of 870919I application schematic. In this
example, the device is operated at VDD = AVDD = 3.3V. As with any
high speed analog circuitry, the power supply pins are vulnerable to
random noise. To achieve optimum jitter performance, power supply
isolation is required. The 870919I provides separate power supplies
to isolate any high switching noise from coupling into the internal PLL.
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1µF capacitor in each power pin filter should be placed on the
device side. The other components can be on the opposite side of the
PCB.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for a wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10kHz.
If a specific frequency noise component is known, such as switching
power supplies frequencies, it is recommended that component
values be adjusted and if required, additional filtering be added.
Additionally, good general design practices for power plane voltage
stability suggests adding bulk capacitance in the local area of all
devices.
The schematic example focuses on functional connections and is not
configuration specific. Refer to the pin description and functional
tables in the datasheet to ensure that the logic control inputs are
properly set.
Figure 1. 870919I Application Schematic
R4
35
REF_SEL
R5
35
nQ5
VDD
VDD
RU2
Not Install
VDD
nPE
Set Logic
Input to
'1'
Receiver
VDD
muRata, BLM18BB221SN1
FB1
1
2
RD2
1K
3.3V
2XQ
RU1
1K
Zo = 50
F REQ_SEL
Logic Control Input Examples
Q0
LOCK
To Logic
Input
pins
C4
0.1uF
Unused output can be left floating. There
should no trace attached to unused output.
Device characterized with all outputs
terminated.
Q/2
Receiver
AVDD
C7
0.1uF
Ro ~ 7 O hm
Q1
Driver_LVCMOS
Zo = 50
FEEDBACK
C3
0.1uF
VDD
Q3
C6
0.1uF
QE/nRST
VDD
R1
1-2
Q1
R3
43
Set Logic
Input to
'0'
R6
0
VDD
VDD=3.3V
Zo = 50 Ohm
SYNC0
Q0
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
28
27
26
25
GND
nQ5
VDD
OE/nRST
FEEDBACK
REF_SEL
SYNC0
AVDD
nPE
AGND
SYNC1
FREQ_SEL
GND
Q0
VDD
Q1
GND
PLL_EN
LOCK
GND
Q2
VDD
Q3
GND
Q4
VDD
2XQ
Q/2
C1
10uF
2XQ
C8
10uF
RD1
Not Install
To Logic
Input
pins
R2
35
C5
0.1uF
C2
0.1uF
Q2
SYNC1
PLL_EN
VDD
VDD
VDD
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com