Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS870919I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS870919I
Description  LVCMOS Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS870919I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS870919I Datasheet HTML 10Page - Renesas Technology Corp ICS870919I Datasheet HTML 11Page - Renesas Technology Corp ICS870919I Datasheet HTML 12Page - Renesas Technology Corp ICS870919I Datasheet HTML 13Page - Renesas Technology Corp ICS870919I Datasheet HTML 14Page - Renesas Technology Corp ICS870919I Datasheet HTML 15Page - Renesas Technology Corp ICS870919I Datasheet HTML 16Page - Renesas Technology Corp ICS870919I Datasheet HTML 17Page - Renesas Technology Corp ICS870919I Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ICS870919BVI REVISION B JANUARY 10, 2012
14
©2012 Integrated Device Technology, Inc.
ICS870919I Data Sheet
LVCMOS CLOCK GENERATOR
Package Outline and Package Dimensions
Package Outline - R Suffix for 28 Lead QSOP, 150MIL
Table 8A. Package Dimensions for 28 Lead QSOP
Reference Document: JEDEC Publication 95, MO-137
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
28
A
1.35
1.75
A1
0.10
0.25
A2
1.50
b
0.20
0.30
c
0.18
0.25
D
9.80
10.00
E
5.80
6.20
E1
3.80
4.00
e
0.635 Basic
L
0.40
1.27
0°
8°
ZD
0.84 Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com