Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS870919I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS870919I
Description  LVCMOS Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS870919I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS870919I Datasheet HTML 1Page - Renesas Technology Corp ICS870919I Datasheet HTML 2Page - Renesas Technology Corp ICS870919I Datasheet HTML 3Page - Renesas Technology Corp ICS870919I Datasheet HTML 4Page - Renesas Technology Corp ICS870919I Datasheet HTML 5Page - Renesas Technology Corp ICS870919I Datasheet HTML 6Page - Renesas Technology Corp ICS870919I Datasheet HTML 7Page - Renesas Technology Corp ICS870919I Datasheet HTML 8Page - Renesas Technology Corp ICS870919I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS870919BVI REVISION B JANUARY 10, 2012
2
©2012 Integrated Device Technology, Inc.
ICS870919I Data Sheet
LVCMOS CLOCK GENERATOR
Pin Assignments
12 13 14
15 16
17 18
4
3
2
1
28
27 26
5
6
7
8
9
10
11
25
24
23
22
21
20
19
FEEDBACK
REF_SEL
SYNC0
AVDD
nPE
AGND
SYNC1
VDD
Q3
GND
GND
Q/2
Q2
LOCK
1
2
3
4
5
6
7
28
27
26
25
24
23
22
8
9
10
11
12
13
14
21
20
19
18
17
16
15
FEEDBACK
REF_SEL
SYNC0
AVDD
nPE
AGND
SYNC1
VDD
Q3
GND
GND
Q/2
Q2
LOCK
FREQ_SEL
Q0
Q1
PLL_EN
VDD
GND
GND
2XQ
Q4
GND
nQ5
OE/nRST
VDD
VDD
ICS870919I
28-Lead QSOP, 150Mil
3.9mm x 9.9mm x 1.5mm package body
R Package
Top View
ICS870919I
28-Lead PLCC
11.5mm x 11.5mm x 4.4mm package body
V Package
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com