Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-23 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9250-23 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
ICS9250-23
0391B—09/18/03
Electrical Characteristics - CPUCLK
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -1 mA
2
2.45
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.05
0.4
V
VOH@MIN = 1 V
-52.6
-27
VOH@MAX = 2.375V
-27
-6.5
VOL@MIN = 1.2 V
27
38.6
VOL@MAX =0.3V
11.6
30
Rise Time
tr2B
1
VOL = 1 V, VOH = 2.0 V
0.4
1.12
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.16
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
454855%
Skew
tsk2B
1
VT = 1.25 V
78
175
ps
Jitter, Cycle-to-Cycle
tjcyc-cyc2B
1
VT = 1.25 V (CPU 133, SDRAM 100)
180
300
ps
Jitter, Cycle-to-Cycle
tjcyc-cyc
1
VT = 1.25 V (all other select B)
120
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH2B
Output Low Current
IOL2B
Electrical Characteristics - IOAPIC
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH4B
IOH = -18 mA
2.4
2.9
V
Output Low Voltage
VOL4B
IOL = 9 mA
0.25
0.4
V
Output High Current
IOH4B
VOH = 2.0 V
-58
-22
mA
VOL@MIN = 1.0 V
31
34.1
VOL@MAX =0.2V
7.85
31
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.28
2
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.2
1.6
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
49.6
55
%
Jitter, Cycle-to-Cycle
tjcyc-cyc4B
1
VT = 1.25 V
432
750
ps
1Guaranteed by design, not 100% tested in production.
mA
Output Low Current
IOL4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com