Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-23 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 14Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 15Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ICS9250-23
0391B—09/18/03
Group Offset Waveforms
CPU/ITP/HCLK [66MHz (2.5V)]
CPU/ITP/HCLK [100MHz (2.5V)]
SDRAM [11:0, F] & DCLKWR [100MHz (3.3V)]
3V66 Link (ICH / MGCH) [66MHz (3.3V)]
PCI [7:0] LPC/SIO [33MHz (3.3V)]
Ref Clock [14.318MHz (3.3V)]
USB [48MHz (3.3V)]
APIC (CPU/MCH) [16.67MHz (2.5V)]
0ns
CPU 66 Period
CPU 100 Period
SDRAM 100 Period
3V66-PCI
25ns
50ns
75ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com