Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-23 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 14Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 15Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICS9250-23
0391B—09/18/03
Electrical Characteristics - SDRAM
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -1 mA
2.4
3.28
V
Output Low Voltage
VOL1
IOL = 1 mA
0.03
0.4
V
VOH@MIN = 2 V
-85
-54
VOH@MAX = 3.135V
-46
-12
VOL@MIN = 1 V
54
63
VOL@MAX =0.4V
27
53
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.4
1.25
1.6
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.4
1.53
1.6
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
53.2
55
%
Skew
tsk1
VT = 1.5 V
267
380
ps
Jitter
1
, Cycle-to-Cycle
tjcyc-cyc1
VT = 1.5 V
176
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH1
Output Low Current
IOL1
(No Skew Window is needed for Group Skew spec.)
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%
24MHz, 48MHz, REF, CPU & IOAPIC load = 20 pF; PCI, SDRAM & 3V66 load = 30 pF.
Refer to Group Offset Waveform diagram for definition of transition edges.
Group Skews (CPU = 66 MHz; SDRAM = 100MHz)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CPU to SDRAM
Skew
1
Tsk1 CPU-SDRAM
CPU @ 1.25 V, SDRAM @ 1.5 V
2.0
3.0
ns
CPU to 3V66
Skew
1
Tsk1 CPU-3V66
CPU @ 1.25 V, 3V66 @ 1.5 V
7
8
ns
SDRAM to 3V66
Skew
1
Tsk1 SDRAM-3V66
SDRAM @1.5V, 3V66 @ 1.5 V
-500
394
500
ps
3V66 to PCI
Skew
1
Tsk1 3V66-PCI
3V66 @1.5V, PCI @ 1.5 V
1.5
2.58
3.5
ns
Group Skews (CPU = 100 MHz; SDRAM = 100MHz)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CPU to SDRAM
Skew
1
Tsk1 CPU-SDRAM
CPU @ 1.25 V, SDRAM @ 1.5 V
4.5
5.5
ns
CPU to 3V66
Skew
1
Tsk1 CPU-3V66
CPU @ 1.25 V, 3V66 @ 1.5 V
4.5
4.63
5.5
ns
SDRAM to 3V66
Skew
1
Tsk1 SDRAM-3V66
SDRAM @1.5V, 3V66 @ 1.5 V
-500
396
500
ps
3V66 to PCI
Skew
1
Tsk1 3V66-PCI
3V66 @1.5V, PCI @ 1.5 V
1.5
2.58
3.5
ns
Group Skews (CPU = 133 MHz; SDRAM = 100MHz)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CPU to SDRAM
Skew
1
Tsk1 CPU-SDRAM
CPU @ 1.25 V, SDRAM @ 1.5 V
-500
-322
500
ps
CPU to 3V66
Skew
1
Tsk1 CPU-3V66
CPU @ 1.25 V, 3V66 @ 1.5 V
-500
-284
500
ps
SDRAM to 3V66
Skew
1
Tsk1 SDRAM-3V66
SDRAM @1.5V, 3V66 @ 1.5 V
-500
389
500
ps
3V66 to PCI
Skew
1
Tsk1 3V66-PCI
3V66 @1.5V, PCI @ 1.5 V
1.5
2.61
3.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com