Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-50 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9250-50
Description  Frequency Generator & Integrated Buffers for PIII & Tualatin™
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-50 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9250-50 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9250-50
0594B—09/14/05
Group Timing Relationship Table
1
p
u
o
r
Gz
H
M
6
6
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
0
0
1
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
3
3
1
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
3
3
1
U
P
C
z
H
M
3
3
1
M
A
R
D
S
t
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
T
M
A
R
D
S
o
t
U
P
Cs
n
5
.
2s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
5
7
.
3s
p
0
0
5
6
6
V
3
o
t
U
P
Cs
n
5
.
7s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
M
A
R
D
Ss
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
5
7
.
3s
p
0
0
5
I
C
P
o
t
6
6
V
3s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5
I
C
P
o
t
I
C
Ps
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1
T
O
D
&
B
S
Uh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
N
Byte 0: Functionality and frequency select register (Default=0)
(1 = enable, 0 = disable)
Notes:
1.
Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit
3.
2. The I
2C readback for Bit 2, 7:4 indicate the revision code.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
t
i
B
)
4
:
7
,
2
(
2
t
i
B
7
t
i
B6
t
i
B5
t
i
B4
t
i
B
K
L
C
U
P
C
z
H
M
M
A
R
D
S
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
C
I
P
A
O
I
z
H
M
e
g
a
t
n
e
c
e
r
P
d
a
e
r
p
S
1
0
0
0
0
1
e
t
o
N
4
S
F
3
S
F2
S
F1
S
F0
S
F
00
0
0
0
7
6
.
6
61
0
.
0
0
17
6
.
6
64
3
.
3
37
6
.
6
1d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
01
0
0
0
0
0
.
0
0
10
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
1d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
10
0
0
0
3
3
.
3
3
13
3
.
3
3
17
6
.
6
63
3
.
3
37
6
.
6
1d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
11
0
0
0
3
3
.
3
3
10
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
1d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
ll
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com