Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-50 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9250-50
Description  Frequency Generator & Integrated Buffers for PIII & Tualatin™
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-50 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9250-50 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9250-50
0594B—09/14/05
General Description
Pin Configuration
The ICS9250-50 is a single chip clock solution for desktop designs using the 810/810E, Solano and Solano B- Step
style chipset. It provides all necessary clock signals for such a system.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-
50 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions, stop clock programming and frequency selection.
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1A
D
D
VR
W
PL
L
P
d
e
x
i
f
r
o
f
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
a
V
3
.
3
,
5
2
,
8
1
,
0
1
,
9
5
4
,
7
3
,
3
3
,
2
3
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
21
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
32
XT
U
O
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
4A
D
N
GR
W
PL
L
P
d
e
x
i
f
r
o
f
y
l
p
p
u
s
V
3
.
3
r
o
f
n
i
p
d
n
u
o
r
G
g
o
l
a
n
A
,
8
2
,
1
2
,
4
1
,
5
9
4
,
1
4
,
6
3
,
9
2
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
6
,
7
,
8)
0
:
2
(
6
6
V
3T
U
Oy
c
n
e
u
q
e
r
f
I
C
P
X
2
@
B
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
V
3
.
3
1
1
0
K
L
C
I
C
PT
U
Os
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
0
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
2
1
1
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
1
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
,
7
1
,
9
1
,
0
2
5
1
,
6
1
)
3
:
7
(
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
3
1
2
K
L
C
I
C
PT
U
O.
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
#
8
4
_
4
2
L
E
SN
I
z
H
M
8
4
=
5
3
n
i
p
d
e
t
c
e
l
e
s
s
i
"
0
"
c
i
g
o
l
n
e
h
W
.
t
c
e
l
e
s
c
i
g
o
l
t
u
p
n
I
.
z
H
M
4
2
=
5
3
n
i
p
d
e
t
c
e
l
e
s
s
i
"
1
"
c
i
g
o
l
n
e
h
W
2
2
D
G
R
W
P
_
t
t
VN
I
D
G
R
W
P
_
t
t
V
n
e
h
W
.
l
a
n
g
i
s
#
D
P
d
n
a
D
G
R
W
P
_
t
t
V
r
o
f
n
i
p
t
u
p
n
i
n
o
i
t
c
n
u
f
l
a
u
d
a
s
a
s
t
c
a
n
i
p
s
i
h
T
s
u
o
n
o
r
h
c
n
y
s
a
n
a
s
i
n
i
p
e
h
t
r
e
t
f
a
e
r
e
h
t
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
e
b
l
l
i
w
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
e
h
t
h
g
i
h
s
e
o
g
.
n
i
p
n
w
o
d
r
e
w
o
p
w
o
l
e
v
i
t
c
a
#
D
PN
I
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
n
w
o
d
3
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
.
t
u
p
n
i
l
a
i
r
e
s
C
4
2A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
4
3
z
H
M
8
4T
U
O.
B
S
U
r
o
f
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
3
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
5
3
2
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4
_
4
2T
U
O.
t
u
p
t
u
o
z
H
M
8
4
r
o
4
2
V
3
.
3
8
3F
_
M
A
R
D
ST
U
OI
y
b
d
e
t
c
e
f
f
a
t
o
n
M
A
R
D
S
z
H
M
0
0
1
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
,
4
4
,
6
4
,
7
4
,
8
4
,
9
3
,
0
4
,
2
4
,
3
4
6
2
,
7
2
,
0
3
,
1
3
M
A
R
D
S
)
0
:
1
1
(
T
U
O
I
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
l
l
A
.
z
H
M
0
0
1
g
n
i
n
n
u
r
t
u
p
t
u
o
V
3
.
3
2 .
C
0
5L
D
N
GR
W
P.
C
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
2
5
,
1
5)
0
:
1
(
K
L
C
U
P
CT
U
O
.
s
n
i
p
S
F
m
o
r
f
d
e
v
i
r
e
d
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
5
5
,
3
5L
D
D
VR
W
P.
C
I
P
A
O
I
,
U
P
C
r
o
f
y
l
p
p
y
u
s
r
e
w
o
p
V
5
.
2
4
5C
I
P
A
O
IT
U
O.
z
H
M
7
6
.
6
1
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
6
5
4
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
0
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com