Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-50 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9250-50
Description  Frequency Generator & Integrated Buffers for PIII & Tualatin™
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-50 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9250-50 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-50 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS9250-50
0594B—09/14/05
Ordering Information
ICS9250yF-50LF-T
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP LF - T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
h x 45°
h x 45°
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
e
-C-
- C -
b
.10 (.004) C
.10 (.004) C
c
L
MIN
MA X
MIN
MAX
A2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
h0.38
0.64
.015
.025
L0.50
1.02
.020
.040
N
α
0°
8°
0°
8°
MIN
MA X
MIN
MAX
56
18.31
18.55
.720
.730
10 -0 034
Ref erence Do c.: JED EC Pub licat io n 9 5, M O-118
VARIA TIONS
SEE V ARIATIONS
SE E VARIATIONS
N
D mm.
D (inch)
SEE V ARIATIONS
SE E VARIATIONS
0.635 BASIC
0.025 BAS IC
SYMB OL
In M illimeters
In Inches
COMMON DIME NSIONS
COMMON DIME NSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com