Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950405 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS950405
Description  AMD - K8™ System Clock Chip
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950405 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS950405 Datasheet HTML 3Page - Renesas Technology Corp ICS950405 Datasheet HTML 4Page - Renesas Technology Corp ICS950405 Datasheet HTML 5Page - Renesas Technology Corp ICS950405 Datasheet HTML 6Page - Renesas Technology Corp ICS950405 Datasheet HTML 7Page - Renesas Technology Corp ICS950405 Datasheet HTML 8Page - Renesas Technology Corp ICS950405 Datasheet HTML 9Page - Renesas Technology Corp ICS950405 Datasheet HTML 10Page - Renesas Technology Corp ICS950405 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
ICS950405
0802F—04/22/05
I
2C Table: Output Control Register
Bit 7
PCIStr1
RW
0
Bit 6
PCIStr0
RW
1
Bit 5
PCIStr1
RW
1
Bit 4
PCIStr0
RW
1
Bit 3
PCIStr1
RW
1
Bit 2
PCIStr0
RW
1
Bit 1
PCIStr1
RW
1
Bit 0
PCIStr0
RW
1
I
2C Table: Reserved Register
Bit 7
Reserved
Reserved
RW
X
Bit 6
Reserved
Reserved
RW
X
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
Reserved
Reserved
RW
X
Bit 2
Reserved
Reserved
RW
X
Bit 1
Reserved
Reserved
RW
X
Bit 0
Reserved
Reserved
RW
X
I
2C Table: Byte Count Register
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
0
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
0
I
2C Table: Byte Count and Vendor ID Register
Bit 7
REV_ID3
RW
0
Bit 6
REV_ID2
RW
0
Bit 5
REV_ID1
RW
0
Bit 4
REV_ID0
RW
0
Bit 3
Vendor_ID3
RW
0
Bit 2
Vendor_ID2
RW
0
Bit 1
Vendor_ID1
RW
0
Bit 0
Vendor_ID0
RW
1
PCICLK (5) Strength
Control
PCICLK (4) Strength
Control
Byte Count
Programming b(7:0)
Writing to this register will configure how
many bytes will be read back, default is
06 = 6 bytes.
Reserved
Reserved
Reserved
Reserved
All other PCICLK
Strength Control
PCICLK (7:6) Strength
Control
Reserved
Reserved
Reserved
Type
0
1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
-
--
-
--
Vendor ID
-
--
-
--
-
--
-
--
Revision ID
-
--
-
--
Type
0
1
PWD
Byte 7
Pin #
Name
Control Function
-
-
Reserved
Reserved
-
-
-
-
-
-
Type
0
1
PWD
Byte 6
Pin #
Name
Control Function
-
-
-
-
-
-
-
-
PWD
Byte 5
Pin #
Name
Control Function
-
-
-
-
-
-
-
-
Type
0
1
PWD
Byte 4
Pin #
Name
Control Function
00: 0.5X Drive
10: 1.5X Drive
01: 1.0X Drive
11: 2.0X Drive
00: 0.5X Drive
10: 1.5X Drive
01: 1.0X Drive
11: 2.0X Drive
00: 0.5X Drive
01: 1.0X Drive
11: 2.0X Drive
10: 1.5X Drive
01: 1.0X Drive
11: 2.0X Drive
00: 0.5X Drive
10: 1.5X Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com