Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950405 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS950405
Description  AMD - K8™ System Clock Chip
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950405 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS950405 Datasheet HTML 4Page - Renesas Technology Corp ICS950405 Datasheet HTML 5Page - Renesas Technology Corp ICS950405 Datasheet HTML 6Page - Renesas Technology Corp ICS950405 Datasheet HTML 7Page - Renesas Technology Corp ICS950405 Datasheet HTML 8Page - Renesas Technology Corp ICS950405 Datasheet HTML 9Page - Renesas Technology Corp ICS950405 Datasheet HTML 10Page - Renesas Technology Corp ICS950405 Datasheet HTML 11Page - Renesas Technology Corp ICS950405 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
ICS950405
0802F—04/22/05
I
2C Table: Skew Control Register
Bit 7
PCI/HTTSkw3
RW
0000:0
0100:150 1000:300 1100:450
1
Bit 6
PCI/HTTSkw2
RW
0001:N/A 0101:N/A 1001:N/A 1101:600
1
Bit 5
PCI/HTTSkw1
RW
0010:N/A 0110:N/A 1010:N/A 1110:750
0
Bit 4
PCI/HTTSkw0
RW
0011:N/A 0111:N/A 1011:N/A 1111:900
0
Bit 3
PCISkw3
RW
0000:0
0100:150 1000:300 1100:450
1
Bit 2
PCISkw2
RW
0001:N/A 0101:N/A 1001:N/A 1101:600
1
Bit 1
PCISkw1
RW
0010:N/A 0110:N/A 1010:N/A 1110:750
0
Bit 0
PCISkw0
RW
0011:N/A 0111:N/A 1011:N/A 1111:900
0
I
2C Table: WD Time Control & Async Frequency Selection Register
Bit 7
ASEL
Async Frequency
Select
RW
0
Bit 6
AEN
AGP/PCI/ Freq Source
Select
RW
1
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
WDTCtrl
Watch Dog Time base
Control
RW
0
Bit 2
WD2
WD Timer Bit 2
RW
1
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Bit 7
M/NEN
M/N Programming
Enable
RW
0
Bit 6
WDEN
Watchdog Enable
RW
0
Bit 5
WDStatus
WD Alarm Status
R
0
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
0
Bit 2
WD SF2
RW
0
Bit 1
WD SF1
RW
0
Bit 0
WD SF0
RW
0
I
2C Table: VCO Frequency Control Register
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
CPU-PCI/HTT 7 Step
Skew Control (ps)
CPU-PCI 7 Step Skew
Control (ps)
M Divider Programming
bits (5:0)
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
VCO frequency. Default at power up =
latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
The decimal representation of N Divider in
Byte 11 and 12
Type
0
1
-
-
-
-
-
-
-
-
PWD
Byte 11
Pin #
Name
Control Function
-
Normal
Alarm
-
Watch Dog Safe Freq
Programming bits
Writing to these bit will configure the safe
frequency as Byte0 bit (4:0).
-
-
-
-
-
Disable
Enable
-
Disable
Enable
1PWD
Byte 10
Pin #
Name
Control Function
Type
0
-
These bits represent X*290ms (or 1.16S)
the watchdog timer waits before it goes to
alarm mode. Default is 7 X 290ms = 2s.
-
-
-
--
-
290ms Base
1160ms Base
-
-
-
66MHz
75.4MHz
FIX PLL
CPU PLL
--
Type
0
1
PWD
Byte 9
Pin #
Name
Control Function
-
-
-
-
-
-
-
-
Type
0
1
PWD
Byte 8
Pin #
Name
Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com