Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950405 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS950405
Description  AMD - K8™ System Clock Chip
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950405 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS950405 Datasheet HTML 7Page - Renesas Technology Corp ICS950405 Datasheet HTML 8Page - Renesas Technology Corp ICS950405 Datasheet HTML 9Page - Renesas Technology Corp ICS950405 Datasheet HTML 10Page - Renesas Technology Corp ICS950405 Datasheet HTML 11Page - Renesas Technology Corp ICS950405 Datasheet HTML 12Page - Renesas Technology Corp ICS950405 Datasheet HTML 13Page - Renesas Technology Corp ICS950405 Datasheet HTML 14Page - Renesas Technology Corp ICS950405 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ICS950405
0802F—04/22/05
Electrical Characteristics - K8 Push Pull Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =AMD64 Processor Test Load
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS NOTES
Rising Edge Rate
δV/δt
210
V/ns
1
Falling Edge Rate
δV/δt
210
V/ns
1
Differential Voltage
VDIFF
0.4
2.3
V
1
Change in VDIFF_DC
Magnitude
∆V
DIFF
-150
150
mV
1
Common Mode Voltage
VCM
1.05
1.45
V
1
Change in Common
Mode Voltage
∆V
CM
-200
200
mV
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom. Maximum difference of cycle
time between 2 adjacent cycles.
0
200
ps
1
Jitter, Accumulated
tja
Measured using the JIT2 software
package with a Tek 7404 scope.
TIE (Time Interval Error) measurement
technique:
Sample resolution = 50 ps,
Sample Duration = 10 µs
-1000
1000
1,2,3
Duty Cycle
dt3
Measurement from differential
wavefrom
45
53
%
1
Output Impedance
RON
Average value during switching
transition. Used for determining series
termination value.
15
55
Ω
1
Group Skew
tsrc-skew
Measurement from differential
wavefrom
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All accumulated jitter specifications are guaranteed assuming that REF is at 14.31818MHz
3 Spread Spectrum is off
Measured at the AMD64 processor's
test load. 0 V +/- 400 mV (differential
Measured at the AMD64 processor's
test load. (single-ended measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com