Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950602 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS950602
Description  Programmable Timing Control Hub™ for PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950602 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS950602 Datasheet HTML 8Page - Renesas Technology Corp ICS950602 Datasheet HTML 9Page - Renesas Technology Corp ICS950602 Datasheet HTML 10Page - Renesas Technology Corp ICS950602 Datasheet HTML 11Page - Renesas Technology Corp ICS950602 Datasheet HTML 12Page - Renesas Technology Corp ICS950602 Datasheet HTML 13Page - Renesas Technology Corp ICS950602 Datasheet HTML 14Page - Renesas Technology Corp ICS950602 Datasheet HTML 15Page - Renesas Technology Corp ICS950602 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS950602
0469B—12/18/02
Electrical Characteristics - SDRAM
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP5
Vo=VDD*(0.5)
10
24
Ω
Output Impedance
1
RDSN5
Vo=VDD*(0.5)
10
24
Ω
Output High Voltage
VOH5
IOH = -1 mA
2.4
V
Output Low Voltage
VOL5
IOL = 1 mA
0.4
V
VOH@MIN = 2 V
-46
VOH@MAX = 3.135V
-54
VOL@MIN = 1 V
54
VOL@MAX =0.4V
53
Rise Time
tr5
1
VOL = 0.4 V, VOH = 2.4 V
0.4
1.1
1.6
ns
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.4 V
0.4
0.75
1.6
ns
Duty Cycle
dt5
1
VT = 1.5 V
45
50
55
%
Skew
tsk5
1
VT = 1.5 V
30
250
ps
Propagation delay
SDRAM_IN to
SDRAM
tpdel5
1
VT = 1.5 V
2.95
4
ns
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH5
mA
Output Low Current
IOL5
mA
Electrical Characteristics - REF
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO4
1
14.318
MHz
Output Impedance
RDSP4
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH4
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL4
1
IOL = 1 mA
0.4
V
Output High Current
IOH4
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL4
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
Rise Time
tr4
1
VOL = 0.4 V, VOH = 2.4 V
1
1.85
4
ns
Fall Time
tf4
1
VOH = 2.4 V, VOL = 0.4 V
1
1.95
4
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
55.7
56
%
Jitter, cycle-to-cycle
tjcyc-cyc4
1
VT = 1.5 V
365
550
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com