Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950602 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS950602
Description  Programmable Timing Control Hub™ for PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950602 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS950602 Datasheet HTML 9Page - Renesas Technology Corp ICS950602 Datasheet HTML 10Page - Renesas Technology Corp ICS950602 Datasheet HTML 11Page - Renesas Technology Corp ICS950602 Datasheet HTML 12Page - Renesas Technology Corp ICS950602 Datasheet HTML 13Page - Renesas Technology Corp ICS950602 Datasheet HTML 14Page - Renesas Technology Corp ICS950602 Datasheet HTML 15Page - Renesas Technology Corp ICS950602 Datasheet HTML 16Page - Renesas Technology Corp ICS950602 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950602
0469B—12/18/02
Power Down Waveform
Note
1. After PD# is sampled active (Low) for 2 consective rising edges of CPUCLKs, all
the output clocks are driven Low on their next High to Low tranistiion.
2. Power-up latency <3ms.
3. Waveform shown for 100MHz
VCO Internal
0ns
12
25ns
50ns
CPU 100MHz
3.3V 66MHz
PCI 33MHz
APIC 16.7MHz
PD#
SDRAM 100MHz
REF 14.318MHZ
48MHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com