Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

656 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 656
Description  High Intensity LED Panel Mount Indicators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

656 Datasheet(HTML) 3 Page - Dialight Corporation

  656 Datasheet HTML 1Page - Dialight Corporation 656 Datasheet HTML 2Page - Dialight Corporation 656 Datasheet HTML 3Page - Dialight Corporation 656 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dialight_PMI_data_656_Nov2021
www.dialightsignalsandcomponents.com
Ordering Information
656 Series—Single Color
Flat Lens
Part #–with Wire Leads
Part #–with Blade Terminals
Color
Voltage
Typ
Current
(mA)
Typical
Intensity
(mcd)
White Nickel
Plating
Black Nickel
Plating
White Nickel
Plating
Black Nickel
Plating
656-1002-303F 656-1002-203F 656-1002-304F 656-1002-204F  
 
White
5
(VDC)
15
1510
656-1102-303F
656-1102-203F
656-1102-304F
656-1102-204F  
Red
16
1150
656-1202-303F 656-1202-203F 656-1202-304F 656-1202-204F  Green
15
1600
656-1302-303F 656-1302-203F 656-1302-304F 656-1302-204F  
Yellow
16
990
656-1352-303F 656-1352-203F 656-1352-304F 656-1352-204F  
Orange
16
1800
656-1402-303F 656-1402-203F 656-1402-304F 656-1402-204F  
Blue
15
237
656-1003-303F 656-1003-203F 656-1003-304F 656-1003-204F  
 
White
12
(VDC)
18
1310
656-1103-303F
656-1103-203F 656-1103-304F 656-1103-204F  
Red
18
1100
656-1203-303F 656-1203-203F 656-1203-304F 656-1203-204F  Green
16
1140
656-1303-303F 656-1303-203F 656-1303-304F 656-1303-204F  
Yellow
18
880
656-1353-303F 656-1353-203F 656-1353-304F 656-1353-204F  
Orange
18
1800
656-1403-303F 656-1403-203F 656-1403-304F 656-1403-204F  
Blue
16
290
656-1004-303F 656-1004-203F 656-1004-304F 656-1004-204F  
 
White
24
(VDC)
20
1310
656-1104-303F
656-1104-203F 656-1104-304F 656-1104-204F  
Red
1100
656-1204-303F 656-1204-203F 656-1204-304F 656-1204-204F  Green
1140
656-1304-303F 656-1304-203F 656-1304-304F 656-1304-204F  
Yellow
880
656-1354-303F 656-1354-203F 656-1354-304F 656-1354-204F  
Orange
1800
656-1404-303F 656-1404-203F 656-1404-304F 656-1404-204F  
Blue
290
656-1006-303F 656-1006-203F 656-1006-304F 656-1006-204F  
 
White
28
(VDC)
19
1310
656-1106-303F
656-1106-203F 656-1106-304F 656-1106-204F  
Red
19
1100
656-1206-303F 656-1206-203F 656-1206-304F 656-1206-204F  Green
18
1140
656-1306-303F 656-1306-203F 656-1306-304F 656-1306-204F  
Yellow
19
880
656-1356-303F 656-1356-203F 656-1356-304F 656-1356-204F  
Orange
19
1800
656-1406-303F 656-1406-203F 656-1406-304F 656-1406-204F  
Blue
18
290
656-1008-303F 656-1008-203F 656-1008-304F 656-1008-204F  
 
White
37.5
(VDC)
8.5
400
656-1108-303F
656-1108-203F 656-1108-304F 656-1108-204F  
Red
230
656-1208-303F 656-1208-203F 656-1208-304F 656-1208-204F  Green
450
656-1308-303F 656-1308-203F 656-1308-304F 656-1308-204F  
Yellow
190
656-1358-303F 656-1358-203F 656-1358-304F 656-1358-204F  
Orange
835
656-1408-303F 656-1408-203F 656-1408-304F 656-1408-204F  
Blue
100
656-110A-303F
—
656-110A-304F
—
 
Red
48
(VDC)
10
230
656-120A-303F
—
656-120A-304F
—
 Green
450
656-130A-303F
—
656-130A-304F
—
 
Yellow
190
656-1007-303F
656-1007-203F 656-1007-304F 656-1007-204F  
 
White
72
(VDC)
8.5
400
656-1107-303F
656-1107-203F
656-1107-304F
656-1107-204F  
Red
230
656-1207-303F
656-1207-203F
656-1207-304F
656-1207-204F  Green
450
656-1307-303F
656-1307-203F
656-1307-304F
656-1307-204F  
Yellow
190
656-1357-303F
656-1357-203F
656-1357-304F
656-1357-204F  
Orange
835
656-1407-303F
656-1407-203F
656-1407-304F
656-1407-204F  
Blue
100
656-1005-303F
—
656-1005-304F
—
 
 
White
120
(VAC/
VDC)
5
400
656-1105-303F
—
656-1105-304F
—
 
Red
230
656-1205-303F
—
656-1205-304F
—
 Green
450
656-1305-303F
—
656-1305-304F
—
 
Yellow
190
656-1355-303F
—
656-1355-304F
—
 
Orange
260
656-1405-303F
—
656-1405-304F
—
 
Blue
100
656-1009-303F
—
656-1009-304F
—
 
 
White
230
(VAC)
3
400
656-1109-303F
—
656-1109-304F
—
 
Red
230
656-1209-303F
—
656-1209-304F
—
 Green
450
656-1309-303F
—
656-1309-304F
—
 
Yellow
190
656-1359-303F
—
656-1359-304F
—
 
Orange
260
656-1409-303F
—
656-1409-304F
—
 
Blue
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com