Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

656 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 656
Description  High Intensity LED Panel Mount Indicators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

656 Datasheet(HTML) 1 Page - Dialight Corporation

  656 Datasheet HTML 1Page - Dialight Corporation 656 Datasheet HTML 2Page - Dialight Corporation 656 Datasheet HTML 3Page - Dialight Corporation 656 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.dialightsignalsandcomponents.com
Ordering Information >
0.170
[4.32]
inches [mm]
0.639
[16.23]
1.369
[34.77]
1.677
[42.6]
1.769
[44.93]
2.350 max
[59.69]
0.639
[16.23]
1.369
[34.77]
1.677
[42.6]
1.769
[44.93]
2.10 max
[53.3]
5.83
[148.1]
.650
[16.51]
Anode (Dot)
½"– 32 NS
½"– 32 NS
Anode (Dot)
656 Series
High Intensity LED Panel Mount Indicators
Mechanical information
Mounting Hole Size:
0.500" (12.7 mm)
Max Panel Thickness: 0.450" (11.43 mm)
Mounting Torque:
5 in-lbs
Specifications
Voltage Options:
5 to 125 V DC and 125, 230 V AC
(bi-color 5, 12, 24 V DC)
(no resistor required)
Operating Temp:
-30 °C to +85 °C (22 °F to +185 °F)
Storage Temp:
-40 °C to +100 °C (-40 °F to +212 °F)
Electrical Connection: 110 Faston quick connect terminals
or 6" wire leads
Housing:
Brass—White or Black Nickel Plated
Lens Material:
Transparent polycarbonate (UL 94V-0)
Wire Leads:
18 AWG
Lock Washer:
Bronze—White or Black Nickel Plated
Nut:
Brass—White or Black Nickel Plated
Certifications & Ratings
• UL1598: wire leads — UL listed; terminals — UL recognized
• NEMA 4X
• IP66/67
• RoHS compliant — w/ 6C exemption
Application
The 656 Series LED Panel Mount Indicators are designed
for a variety of applications such as:
• Safety Applications
• Instrument Panels
• Vending / Gaming
• Display Lighting
• Transportation — rail, bus, airline
. . . and many more!
Dimensions


Similar Part No. - 656

ManufacturerPart #DatasheetDescription
logo
Littelfuse
656 LITTELFUSE-656 Datasheet
536Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5횞20mm Fuses
Revised: 07/09/21
logo
Abbatron All Rights Res...
656 ABBATRON-656 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
656 LITTELFUSE-656 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
656 LITTELFUSE-656 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
logo
Semtech Corporation
6560 SEMTECH-6560 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
More results

Similar Description - 656

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
CUI INC
CPE-750 CUI-CPE-750 Datasheet
239Kb / 5P
panel mount piezo indicators
CPE-750PA CUI-CPE-750PA Datasheet
245Kb / 5P
panel mount piezo indicators
logo
Dialight Corporation
556-1508-304F DIALIGHT-556-1508-304F Datasheet
123Kb / 2P
High Intensity LED Panel Mount Indicators for 1' Mounting Hole for 37.5, 72 and 125 VDC
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
Snap-in LED Panel Mount Indicators
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
High Intensity LED Panel Mount Indicators for 1??Mounting Hole
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
STD PANEL MOUNT INDICATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com