Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

656 Datasheet(PDF) 4 Page - Dialight Corporation

Part # 656
Description  High Intensity LED Panel Mount Indicators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

656 Datasheet(HTML) 4 Page - Dialight Corporation

  656 Datasheet HTML 1Page - Dialight Corporation 656 Datasheet HTML 2Page - Dialight Corporation 656 Datasheet HTML 3Page - Dialight Corporation 656 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dialight_PMI_data_656_Nov2021
www.dialightsignalsandcomponents.com
Dialight reserves the right to make changes at any time in order to supply
the best product possible. The most current version of this document will
always be available at:
www.dialightsignalsandcomponents.com
Warranty Statement: Except for the warranty expressly provided for
[herein/above/below], Dialight disclaims any and all other warranties,
express or implied, including, without limitation, any warranties of
merchantability, fitness for a particular purpose, title, and noninfringement.
Domed Lens
Part #–with Wire Leads
Part #–with Blade Terminals
Color
Voltage
Typ
Current
(mA)
Typical
Intensity
(mcd)
White Nickel
Plating
Black Nickel
Plating
White Nickel
Plating
Black Nickel
Plating
656-3002-303F 656-3002-203F 656-3002-304F 656-3002-204F  
 
White
5
(VDC)
15
3080
656-3102-303F 656-3102-203F 656-3102-304F 656-3102-204F  
Red
16
2200
656-3202-303F 656-3202-203F 656-3202-304F 656-3202-204F  Green
15
2880
656-3302-303F 656-3302-203F 656-3302-304F 656-3302-204F  
Yellow
16
1960
656-3352-303F 656-3352-203F 656-3352-304F 656-3352-204F  
Orange
16
4400
656-3402-303F 656-3402-203F 656-3402-304F 656-3402-204F  
Blue
15
600
656-3003-303F 656-3003-203F 656-3003-304F 656-3003-204F  
 
White
12
(VDC)
18
2340
656-3103-303F 656-3103-203F 656-3103-304F 656-3103-204F  
Red
18
2000
656-3203-303F 656-3203-203F 656-3203-304F 656-3203-204F  Green
16
2110
656-3303-303F 656-3303-203F 656-3304-304F 656-3303-204F  
Yellow
18
1080
656-3353-303F 656-3353-203F 656-3353-304F 656-3353-204F  
Orange
18
4400
656-3403-303F 656-3403-203F 656-3403-304F 656-3403-204F  
Blue
16
640
656-3004-303F 656-3004-203F 656-3004-304F 656-3004-204F  
 
White
24
(VDC)
20
2340
656-3104-303F 656-3104-203F 656-3104-304F 656-3104-204F  
Red
2000
656-3204-303F 656-3204-203F 656-3204-304F 656-3204-204F  Green
2110
656-3304-303F 656-3304-203F 656-3304-304F 656-3304-204F  
Yellow
1080
656-3354-303F 656-3354-203F 656-3354-304F 656-3354-204F  
Orange
4400
656-3404-303F 656-3404-203F 656-3404-304F 656-3404-204F  
Blue
640
656-3006-303F 656-3006-203F 656-3006-304F 656-3006-204F  
 
White
28
(VDC)
19
2340
656-3106-303F 656-3106-203F 656-3106-304F 656-3106-204F  
Red
19
2000
656-3206-303F 656-3206-203F 656-3206-304F 656-3206-204F  Green
18
2110
656-3306-303F 656-3306-203F 656-3306-304F 656-3306-204F  
Yellow
19
1080
656-3356-303F 656-3356-203F 656-3356-304F 656-3356-204F  
Orange
19
4400
656-3406-303F 656-3406-203F 656-3406-304F 656-3406-204F  
Blue
18
640
656-3008-303F 656-3008-203F 656-3008-304F 656-3008-204F  
 
White
37.5
(VDC)
660
656-3108-303F 656-3108-203F 656-3108-304F 656-3108-204F  
Red
410
656-3208-303F 656-3208-203F 656-3208-304F 656-3208-204F  Green
800
656-3308-303F 656-3308-203F 656-3308-304F 656-3308-204F  
Yellow
390
656-3358-303F 656-3358-203F 656-3358-304F 656-3358-204F  
Orange
2000
656-3408-303F 656-3408-203F 656-3408-304F 656-3408-204F  
Blue
220
656-310A-303F
—
656-310A-304F
—
 
Red
48
(VDC)
10
410
656-320A-303F
—
656-320A-304F
—
 Green
800
656-330A-303F
—
656-330A-304F
—
 
Yellow
390
656-3007-303F 656-3007-203F 656-3007-304F 656-3007-204F  
 
White
72
(VDC)
660
656-3107-303F 656-3107-203F 656-3107-304F 656-3107-204F  
Red
410
656-3207-303F 656-3207-203F 656-3207-304F 656-3207-204F  Green
800
656-3307-303F 656-3307-203F 656-3307-304F 656-3307-204F  
Yellow
390
656-3357-303F 656-3357-203F 656-3357-304F 656-3357-204F  
Orange
2000
656-3407-303F 656-3407-203F 656-3407-304F 656-3407-204F  
Blue
220
656-3005-303F
—
656-3005-304F
—
 
 
White
120
(VAC/
VDC)
5
660
656-3105-303F
—
656-3105-304F
—
 
Red
410
656-3205-303F
—
656-3205-304F
—
 Green
800
656-3305-303F
—
656-3305-304F
—
 
Yellow
390
656-3355-303F
—
656-3355-304F
—
 
Orange
610
656-3405-303F
—
656-3405-304F
—
 
Blue
220
656-3009-303F
—
656-3009-304F
—
 
 
White
230
(VAC)
3
660
656-3109-303F
—
656-3109-304F
—
 
Red
410
656-3209-303F
—
656-3209-304F
—
 Green
800
656-3309-303F
—
656-3309-304F
—
 
Yellow
390
656-3359-303F
—
656-3359-304F
—
 
Orange
610
656-3409-303F
—
656-3409-304F
—
 
Blue
220



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com