Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5912 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5912 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ceramic capacitor with the same ESR value. Also, the ESR of a typical tantalum increases at approximately 2:1
as the temperature goes from 25°C down to –40°C, so some guard band must be allowed.
8.2.2.5 Remote Capacitor Operation
To ensure stability, the LP5912-EP requires at least a 1-μF capacitor at the OUT pin. There is no strict
requirement for the location of the output capacitor in regards to the LDO OUT pin; the output capacitor can
be located 5 cm to 10 cm away from the LDO. This flexibility means that there is no need to have a special
capacitor close to the OUT pin if there are already respective capacitors in the system. This placement flexibility
requires that the output capacitor be connected directly between the LP5912-EP OUT pin and GND pin with no
vias. This remote capacitor feature can help designers minimize the number of capacitors in the system.
As a good design practice, keep the wiring parasitic inductance at a minimum. Thus, use traces that are as wide
as possible from the LDO output to the capacitors, keeping the LDO output trace layer as close to ground layer
as possible and avoiding vias on the path. If there is a need to use vias, implement as many vias as possible
between the connection layers. Keep parasitic wiring inductance less than 35 nH. For applications with fast load
transients, use an input capacitor equal to (or larger than) the sum of the capacitance at the output node for the
best load-transient performance.
8.2.2.6 Power Dissipation
Knowing the device power dissipation and proper sizing of the thermal plane connected to the tab or pad is
critical to ensuring reliable operation. Device power dissipation can be calculated with Equation 1, and depends
on input voltage, output voltage, and load conditions of the design.
PD(MAX) = (VIN(MAX) – VOUT) × IOUT
(1)
Power dissipation can be minimized, and greater efficiency can be achieved, by using the lowest available
voltage drop option that is greater than the dropout voltage (VDO). However, keep in mind that higher voltage
drops result in better dynamic (that is, PSRR and transient) performance.
On the WSON (DRV) package, the primary conduction path for heat is through the exposed power pad into the
PCB. To ensure the device does not overheat, connect the exposed pad (through thermal vias) to an internal
ground plane with an appropriate amount of copper PCB area.
According to Equation 2 or Equation 3, power dissipation and junction temperature are most often related by the
junction-to-ambient thermal resistance (RθJA) of the combined PCB and device package and the temperature of
the ambient air (TA):
TJ(MAX) = TA(MAX) + (RθJA × PD(MAX))
(2)
PD = (TJ(MAX) – TA(MAX)) / RθJA
(3)
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design,
and therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA
recorded in the Thermal Information table is determined by the specific EIA/JEDEC JESD51-7 standard for PCB
and copper-spreading area, and is to be used only as a relative measure of package thermal performance.
For a well-designed thermal layout, RθJA is actually the sum of the package junction-to-case (bottom) thermal
resistance (RθJCbot) plus the thermal resistance contribution by the PCB copper area acting as a heat sink.
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com