Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5912 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5912 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments LP5912 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
8.2.2.7 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (Ψ) thermal characteristics to estimate the junction
temperatures of surface-mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package-specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (ΨJT and ΨJB) are used in accordance with Equation 4
or Equation 5 and are given in the Thermal Information table.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
(4)
where:
• PD(MAX) is explained in Equation 3
• TTOP is the temperature measured at the center-top of the device package
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
(5)
where:
• PD(MAX) is explained in the Power Dissipation section
• TBOARD is the PCB surface temperature measured 1 mm from the device package and centered on the
package edge
For more information about the thermal characteristics ΨJT and ΨJB, see the Semiconductor and IC Package
Thermal Metrics application note; for more information about measuring TTOP and TBOARD, see the Using
New Thermal Metrics application note; and for more information about the EIA/JEDEC JESD51 PCB used for
validating RθJA, see the Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs
application note. These application notes are available at www.ti.com.
8.2.3 Application Curves
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
D029
VEN (V)
VOUT (V)
VPG (V)
VIN = 2.3 V, IOUT = 500 mA, COUT = 1 µF
Figure 8-2. LP5912-1.8 VOUT vs VEN (On)
Time (µs)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
D030
VEN (V)
VOUT (V)
VPG (V)
VIN = 2.3 V, IOUT = 500 mA (3.6 Ω), COUT = 1 µF
Figure 8-3. LP5912-1.8 VOUT vs VEN (Off)
LP5912-EP
SNVSC57 – SEPTEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com