Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5912 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5912 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments LP5912 Datasheet HTML 26Page - Texas Instruments LP5912 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
8.3 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 1.6 V to 6.5 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5912-EP output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 0.5 V. A minimum capacitor value of
1 µF is required to be within 1 cm of the IN pin.
8.4 Layout
8.4.1 Layout Guidelines
The dynamic performance of the LP5912-EP is dependent on the layout of the PCB. PCB layout practices that
are adequate for typical LDOs can degrade the PSRR, noise, or transient performance of the LP5912-EP.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5912-EP, and as
close to the package as practical. The ground connections for CIN and COUT must route back to the LP5912-EP
ground pin using as wide and as short of a copper trace as practical.
Connections using long trace lengths, narrow trace widths, or connections through vias must be avoided.
Such connections add parasitic inductances and resistance that result in inferior performance, especially during
transient conditions.
8.4.2 Layout Example
1
2
3
6
5
4
OUT
NC
PG
IN
GND
EN
CIN
RPG
COUT
Thermal Vias (2)
Figure 8-4. LP5912-EP Layout Example
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com