Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550W104VTZ Datasheet(PDF) 4 Page - AVX Corporation

Part # 550W104VTZ
Description  RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

550W104VTZ Datasheet(HTML) 4 Page - AVX Corporation

  550W104VTZ Datasheet HTML 1Page - AVX Corporation 550W104VTZ Datasheet HTML 2Page - AVX Corporation 550W104VTZ Datasheet HTML 3Page - AVX Corporation 550W104VTZ Datasheet HTML 4Page - AVX Corporation 550W104VTZ Datasheet HTML 5Page - AVX Corporation 550W104VTZ Datasheet HTML 6Page - AVX Corporation 550W104VTZ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
*Data files contain DXF and S2P files
CLICK HERE
TO DOWNLOAD
DATA FILES
*Data files contain DXF and S2P files
CLICK HERE
TO DOWNLOAD
DATA FILES
3D CAD &
S-PARAMATERS
500
500
-2
-1.5
-1
-0.5
0
0
10
20
30
40
50
60
70
Frequency ( GHz)
560Z104 Insertion Loss
-80
-60
-40
-20
0
0
10
20
30
40
50
60
70
Frequency ( GHz)
560Z104 Return Loss
-2
-1.5
-1
-0.5
0
0
20
40
60
80
100
120
Frequency ( GHz)
550Z104 Insertion Loss
-80
-60
-40
-20
0
0
20
40
60
80
100
120
Frequency ( GHz)
550Z104 Return Loss
PERFORMANCE DATA
560Z Data Sheet Test Condition Description
All testing performed on 5-mil-thick Rogers RO3003 board using recommended footprint. (nominal 50-ohm characteristic
impedance) @ Modelithics.
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
0201
16kHz
40GHz
100
25
16
6.3
Tin
TDS-RFM-0080 | Rev 4
RF/Microwave Capacitors
550-560 Series UBC™ Ultra-Broadband Capacitor
RF/Microwave Multilayer Capacitors (MLC)
550Z104M
550Z Data Sheet Test Condition Description
All testing performed on 5-mil-thick Rogers RO3003 board using recommended footprint. (nominal 50-ohm characteristic
impedance) @ Modelithics.
PERFORMANCE DATA
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
0201
16kHz
110GHz
100
25
16
6.3
Tin
Click here to return to main table
Click here to return to main table
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
560Z104M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com