Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550W104VTZ Datasheet(PDF) 7 Page - AVX Corporation

Part # 550W104VTZ
Description  RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

550W104VTZ Datasheet(HTML) 7 Page - AVX Corporation

  550W104VTZ Datasheet HTML 1Page - AVX Corporation 550W104VTZ Datasheet HTML 2Page - AVX Corporation 550W104VTZ Datasheet HTML 3Page - AVX Corporation 550W104VTZ Datasheet HTML 4Page - AVX Corporation 550W104VTZ Datasheet HTML 5Page - AVX Corporation 550W104VTZ Datasheet HTML 6Page - AVX Corporation 550W104VTZ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
*Data files contain DXF and S2P files
CLICK HERE
TO DOWNLOAD
DATA FILES
503
503
RF/Microwave Capacitors
550-560 Series UBC™ Ultra-Broadband Capacitor
RF/Microwave Multilayer Capacitors (MLC)
TDS-RFM-0080 | Rev 4
PERFORMANCE DATA
550L Data Sheet Condition Description
All testing performed on 10 mil-thick rogers RO4350B microstrip board, with the device under test subtending a 24 mil gap in
a 22 mil-wide center trace (nominal 50 ohms characteristic impedance).
550L Series Insertion Loss (S21)
550L Series Return Loss (S11)
Frequency (GHz)
Frequency (GHz)
550L104K
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
0402
16kHz
70GHz
100
16
16
16
Tin/Gold
Click here to return to main table
SIMULATION MODELS
KYOCERA AVX and Modelithics have partnered to offer FREE 90-Day trials of highly accurate,
scalable advanced simulation models for various KYOCERA AVX parts including THIS part as
well as Attenuators, Capacitors, Couplers, Inductors, Diplexers, Resistors.
For More Information, Please Visit: https://www.modelithics.com/mvp/avx
Use Promo Code: AVXWP
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com