Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550W104VTZ Datasheet(PDF) 6 Page - AVX Corporation

Part # 550W104VTZ
Description  RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

550W104VTZ Datasheet(HTML) 6 Page - AVX Corporation

  550W104VTZ Datasheet HTML 1Page - AVX Corporation 550W104VTZ Datasheet HTML 2Page - AVX Corporation 550W104VTZ Datasheet HTML 3Page - AVX Corporation 550W104VTZ Datasheet HTML 4Page - AVX Corporation 550W104VTZ Datasheet HTML 5Page - AVX Corporation 550W104VTZ Datasheet HTML 6Page - AVX Corporation 550W104VTZ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
*Data files contain DXF and S2P files
CLICK HERE
TO DOWNLOAD
DATA FILES
502
502
-2
-1.5
-1
-0.5
0
0
20
40
60
80
100
120
Frequency ( GHz)
550Z103 Insertion Loss
-80
-60
-40
-20
0
0
20
40
60
80
100
120
Frequency ( GHz)
550Z103 Return Loss
RF/Microwave Capacitors
550-560 Series UBC™ Ultra-Broadband Capacitor
RF/Microwave Multilayer Capacitors (MLC)
560L104Y
TDS-RFM-0080 | Rev 4
560L Data Sheet Test Condition Description
All testing performed on 10 mil-thick rogers RO4350B microstrip board, with the device under test subtending a 24 mil gap in
a 22 mil-wide center trace (nominal 50 ohms characteristic impedance).
550Z103P
PERFORMANCE DATA
550Z Data Sheet Test Condition Description
All testing performed on 5-mil-thick Rogers RO3003 board using recommended footprint. (nominal 50-ohm characteristic
impedance) @ Modelithics.
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
0402
16kHz
40 GHz
100
16
16
16
Tin/Gold
Size (EIA)
Min
Frequency
Max
Frequency
Cap (nF)
WVDC
(85C)
WVDC
(105C)
WVDC
(125C)
Finish
0201
160kHz
100GHz
10
10
10
6.3
Tin/Gold
Click here to return to main table
Click here to return to main table
PERFORMANCE DATA
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com