Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB1F
Description  VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB1F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB1F Datasheet HTML 1Page - List of Unclassifed Manufacturers MB1F Datasheet HTML 2Page - List of Unclassifed Manufacturers MB1F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
20
30
00
10
100
1
40
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°C
T =25
J
°C
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°C
0.2
0.4
0.6
0.8
1.0
0.0
25
50
75
100
125
150
175
Fig.1
Derating Curve
Average Rectified Output Current
Ambient Temperature (
°C)
1.2
Glass Epoxy PC Board
Resistive or Inductive Load
10
1.0
0.1
0.01
0
0..0
0
1.0
1.5
2.0
pulse with 300
μs
1% duty cycle
0.5
Instaneous Forward Voltage (V)
Fig.3 Typical Instaneous Forward
Characteristics
TJ=25°C
MB1F - MB10F
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE RANGE - 100 to 1000 V
CURRENT - 0.8 A
Email: Sales@micindia.com
This PDF is a property of Master Instrument Corporation.
Website: www.micindia.com
RATING AND CHRACTERISTIC CURVES MB1F - MB10F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com