Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB1F
Description  VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB1F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB1F Datasheet HTML 1Page - List of Unclassifed Manufacturers MB1F Datasheet HTML 2Page - List of Unclassifed Manufacturers MB1F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBF Package
Glass Passivated Chip Junction
Reverse Voltage - 100 to 1000 V
Forward Current - 0.8 A
High Surge Current Capability
Designed for Surface Mount Application
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
MECHANICAL DATA
Case: MBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 75mg 0.0026oz
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half Sine
Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 0.8 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance(Note1)
VRRM
VRMS
VDC
IO
IFSM
VF
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
V
V
V
0.8
30
1.1
13
-55 ~ +150
A
A
V
μA
pF
°C
Units
Cj
Tj, Tstg
Symbols
95
30
Typical Thermal Resistance(Note2)
°C/W
RθJA
R
θJL
Average Rectified Output Current at Ta
= 50 °C
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
5
40
@
T
A=25 °C
@
T
A=125 °C
1
2
3
4
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×(5×5mm2 )copper pad.
MB1F - MB10F
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE RANGE - 100 to 1000 V
CURRENT - 0.8 A
FEATURES
Ratings at 25 °C ambient temperature unless otherwise specified.Single phase half-wave 60 Hz, resistive or inductive
load, for capacitive load current derate by 20 %.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Email: Sales@micindia.com
This PDF is a property of Master Instrument Corporation.
Website: www.micindia.com
▪
▪
▪
▪
▪
▪
▪
▪


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
S250S DAESAN-S250S Datasheet
163Kb / 2P
CURRENT 0.8 AMPERES VOLTAGE 100 TO 1000 VOLTS
B1S DAESAN-B1S Datasheet
200Kb / 2P
CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
MD1S WILLAS-MD1S Datasheet
334Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
logo
Kingtronics Internation...
MB2S-MB10S KINGTRONICS-MB2S-MB10S Datasheet
351Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
Sangdest Microelectroni...
ABS2 SMC-ABS2 Datasheet
141Kb / 5P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere
logo
First Silicon Co., Ltd
S1AF FS-S1AF Datasheet
608Kb / 2P
Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
logo
Rectron Semiconductor
HMB1F RECTRON-HMB1F Datasheet
413Kb / 6P
SINGLE-PHASE GLASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/06 REV:A
MB1F RECTRON-MB1F Datasheet
595Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/18 REV:G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com