Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet (PDF) - List of Unclassifed Manufacturers

MB1F Datasheet PDF - List of Unclassifed Manufacturers
Part # MB1F
Download  MB1F Download
File Size   462.26 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A

MB1F Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1F Datasheet PDF - List of Unclassifed Manufacturers

Part # MB1F
Download  MB1F Click to download

File Size   462.26 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A

MB1F Datasheet (HTML) - List of Unclassifed Manufacturers


MB1F Product details

FEATURES
Glass Passivated Chip Junction
Reverse Voltage - 100 to 1000 V
Forward Current - 0.8 A
High Surge Current Capability
Designed for Surface Mount Application




Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results


Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
S250S DAESAN-S250S Datasheet
163Kb / 2P
CURRENT 0.8 AMPERES VOLTAGE 100 TO 1000 VOLTS
B1S DAESAN-B1S Datasheet
200Kb / 2P
CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
MD1S WILLAS-MD1S Datasheet
334Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
logo
Kingtronics Internation...
MB2S-MB10S KINGTRONICS-MB2S-MB10S Datasheet
351Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
Sangdest Microelectroni...
ABS2 SMC-ABS2 Datasheet
141Kb / 5P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere
logo
First Silicon Co., Ltd
S1AF FS-S1AF Datasheet
608Kb / 2P
Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
logo
Rectron Semiconductor
HMB1F RECTRON-HMB1F Datasheet
413Kb / 6P
SINGLE-PHASE GLASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/06 REV:A
MB1F RECTRON-MB1F Datasheet
595Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/18 REV:G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com