Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8714008I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8714008I
Description  FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8714008I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8714008I Datasheet HTML 9Page - Renesas Technology Corp ICS8714008I Datasheet HTML 10Page - Renesas Technology Corp ICS8714008I Datasheet HTML 11Page - Renesas Technology Corp ICS8714008I Datasheet HTML 12Page - Renesas Technology Corp ICS8714008I Datasheet HTML 13Page - Renesas Technology Corp ICS8714008I Datasheet HTML 14Page - Renesas Technology Corp ICS8714008I Datasheet HTML 15Page - Renesas Technology Corp ICS8714008I Datasheet HTML 16Page - Renesas Technology Corp ICS8714008I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ICS8714008I DATA SHEET
FEMTOCLOCK® ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESSTM AND ETHERNET
ICS8714008DKI REVISION A NOVEMBER 25, 2013
13
©2013 Integrated Device Technology, Inc.
Typical Phase Noise at 100MHz
100MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.592ps (typical)
Offset Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com